Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8821 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL8821
Description  BOOST LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8821 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL8821 Datasheet HTML 1Page - Diodes Incorporated AL8821 Datasheet HTML 2Page - Diodes Incorporated AL8821 Datasheet HTML 3Page - Diodes Incorporated AL8821 Datasheet HTML 4Page - Diodes Incorporated AL8821 Datasheet HTML 5Page - Diodes Incorporated AL8821 Datasheet HTML 6Page - Diodes Incorporated AL8821 Datasheet HTML 7Page - Diodes Incorporated AL8821 Datasheet HTML 8Page - Diodes Incorporated AL8821 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AL8821
Document number: DS37671 Rev. 2 - 2
2 of 14
www.diodes.com
February 2017
© Diodes Incorporated
AL8821
Pin Descriptions
Pin Number
Pin Name
Function
1
SW
Integrated MOS Drain
2
CS
Input Current Sense Pin
3
FB
LED Output Current Feedback Pin
4
COMP
Control Loop Compensation Pin
5
NC
Not Connected
6
VIN
IC Input Voltage, Adding from Boost Output Voltage
7
VCC
Supply Voltage For Internal Circuit
8
NC
Not Connected
9
Exposed Pad
Connected to Ground
Functional Block Diagram
VIN
UVLO
Chip_EN
VBG
Exposed
Pad
EA
FB
VBG
COMP
CS1
CS
VCS1
SW
COMPARATOR
OVP
VFB
OVP
OTP
Bandgap
VBG
VCC
VREF
LOGIC
Driver
VCC
Internal
Regulator
VCC
VIN
PWM1
PWM1
2
3
6
7
1
4
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com