Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8821 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL8821
Description  BOOST LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8821 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL8821 Datasheet HTML 1Page - Diodes Incorporated AL8821 Datasheet HTML 2Page - Diodes Incorporated AL8821 Datasheet HTML 3Page - Diodes Incorporated AL8821 Datasheet HTML 4Page - Diodes Incorporated AL8821 Datasheet HTML 5Page - Diodes Incorporated AL8821 Datasheet HTML 6Page - Diodes Incorporated AL8821 Datasheet HTML 7Page - Diodes Incorporated AL8821 Datasheet HTML 8Page - Diodes Incorporated AL8821 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AL8821
Document number: DS37671 Rev. 2 - 2
3 of 14
www.diodes.com
February 2017
© Diodes Incorporated
AL8821
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified. Note 4)
Symbol
Parameter
Rating
Unit
VIN
VIN Pin Voltage
-0.3 to 40
V
VSW
SW Pin Voltage
-0.3 to 50
V
VCOMP
COMP Pin Voltage
-0.3 to 6
V
VCS
CS Pin Voltage
-0.3 to 6
V
VFB
FB Pin Voltage
-0.3 to 6
V
VCC
VCC Pin Voltage
-0.3 to 6
V
TJ
Operating Junction Temperature
+150
°
C
TSTG
Storage Temperature
-65 to +150
°
C
JA
Thermal Resistance (Junction to Ambient) (Note 5)
66
°
C/W
TLEAD
Lead Temperature (Soldering, 10sec)
+300
°
C
—
ESD (Machine Model)
200
V
—
ESD (Human Body Model)
2000
V
Notes:
4.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
5. Device mounted on FR-4 PCB (51mm x 51mm) 2oz copper, minimum recommended pad layout on top layer and thermal vias to bottom layer ground
plane. For better thermal performance, larger copper pad for heat-sink is needed.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
VIN Pin Voltage
5
36
V
TA
Ambient Temperature
-40
+105
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
Input Supply
VIN
VIN Pin Voltage
—
5
—
36
V
IQ
Quiescent Current
No Switching
—
1
—
mA
VUVLO
Under-Voltage Lockout
Voltage
VIN Rising
—
4.2
—
V
VHYS
UVLO Hysteresis
—
—
500
—
mV
VCC Regulator
VCC
VCC Pin Voltage
—
4.5
5
5.5
V
—
Source Current Capability
VCC = 5V
10
—
—
mA
—
Load Regulation
—
—
4
—
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com