Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC410 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # ZXSC410
Description  DC-DC BOOST SWITCHING CONTROLLERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC410 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button ZXSC410 Datasheet HTML 9Page - Diodes Incorporated ZXSC410 Datasheet HTML 10Page - Diodes Incorporated ZXSC410 Datasheet HTML 11Page - Diodes Incorporated ZXSC410 Datasheet HTML 12Page - Diodes Incorporated ZXSC410 Datasheet HTML 13Page - Diodes Incorporated ZXSC410 Datasheet HTML 14Page - Diodes Incorporated ZXSC410 Datasheet HTML 15Page - Diodes Incorporated ZXSC410 Datasheet HTML 16Page - Diodes Incorporated ZXSC410 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ZXSC410/ZXSC420/ZXSC440
Document number: DS33618 Rev. 6 - 2
13 of 17
www.diodes.com
August 2015
© Diodes Incorporated
ZXSC410/ZXSC420/ZXSC440
Application Examples (cont.)
Battery Powered Two 1W LED Lamp
This application shows the ZXSC410/420/440 driving 2 serial LEDs. The input voltage ranges from 2V to 3.6V with a maximum output current of
360mA from 2.6V input.
The wide input voltage range allows the use of different battery cell combinations. This could be dual alkaline cells with voltage starting from 3V
down to 2V or triple NiCad/NiMH cells with voltage starting from 3.6V down to 2.7V.
2.8
2.6
2.4
2.2
2.0
3.6
3.4
3.2
3.0
INPUT VOLTAGE (V)
Efficiency vs. Input Voltage
100
90
60
50
80
70
0.4
0.0
0.2
2.8
2.6
2.4
2.2
2.0
3.6
3.4
3.2
3.0
INPUT VOLTAGE (V)
LED Current vs. Input Voltage
ZXSC410
ZXTN25012EFH
ZHCS2000
22µH
18m
Ω
820m
Ω
22µF
100µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com