Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC410 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXSC410
Description  DC-DC BOOST SWITCHING CONTROLLERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC410 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXSC410 Datasheet HTML 1Page - Diodes Incorporated ZXSC410 Datasheet HTML 2Page - Diodes Incorporated ZXSC410 Datasheet HTML 3Page - Diodes Incorporated ZXSC410 Datasheet HTML 4Page - Diodes Incorporated ZXSC410 Datasheet HTML 5Page - Diodes Incorporated ZXSC410 Datasheet HTML 6Page - Diodes Incorporated ZXSC410 Datasheet HTML 7Page - Diodes Incorporated ZXSC410 Datasheet HTML 8Page - Diodes Incorporated ZXSC410 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ZXSC410/ZXSC420/ZXSC440
Document number: DS33618 Rev. 6 - 2
2 of 17
www.diodes.com
August 2015
© Diodes Incorporated
ZXSC410/ZXSC420/ZXSC440
Pin Descriptions
Pin Name
Pin Number
Function
ZXSC410
ZXSC420
ZXSC440
VCC
1
1
8
Supply Voltage
GND
2
2
7
Ground
STDN
3
—
5
Shutdown (ZXSC410 and ZXSC440)
EOR
—
3
6
End of regulation (ZXSC420 and ZXSC440)
Sense
4
4
3
Inductor current sense input. Internal threshold voltage set to 28mV.
Connect external sense resistor.
VFB
5
5
2
Reference voltage. Internal threshold set to 300mV.
Connect external resistor network to set output voltage.
Drive
6
6
1
Drive output for external switching transistor.
Connect to base or gate of external switching transistor.
NC
—
—
4
No connection
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com