Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PF0313 Datasheet(PDF) 13 Page - Hitachi Semiconductor

Part # PF0313
Description  MOS FET Power Amplifier Module for VHF Band
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

PF0313 Datasheet(HTML) 13 Page - Hitachi Semiconductor

Back Button PF0313 Datasheet HTML 8Page - Hitachi Semiconductor PF0313 Datasheet HTML 9Page - Hitachi Semiconductor PF0313 Datasheet HTML 10Page - Hitachi Semiconductor PF0313 Datasheet HTML 11Page - Hitachi Semiconductor PF0313 Datasheet HTML 12Page - Hitachi Semiconductor PF0313 Datasheet HTML 13Page - Hitachi Semiconductor PF0313 Datasheet HTML 14Page - Hitachi Semiconductor PF0313 Datasheet HTML 15Page - Hitachi Semiconductor PF0313 Datasheet HTML 16Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
PF0313 Series
13
0
2
1.5
1
3.5
3
2.5
VSWRin
10
4
2
0
8
6
7
PC Voltage VPC (V)
f = 150 MHz
Pin = 50 mW
VDD = 7.2 V
Pout,
η
T, VSWR (in) vs. VPC (2)
Pout
16
5
4
3
2
70
50
40
30
10
0
60
20
η
T
0
–10
–40
–50
–60
–10
–20
–30
–40
–50
–60
–20
–30
7
PC Voltage VPC (V)
f = 175 MHz
Pin = 50 mW
VDD = 7.2 V
16
5
4
3
2
2nd H.D, 3rd H.D vs. VPC (1)
2H.D
3H.D
07
PC Voltage VPC (V)
16
5
4
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com