Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6291IDBVR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # MCP6291IDBVR
Description  10-MHz, Rail-to-Rail Operational Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCP6291IDBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button MCP6291IDBVR Datasheet HTML 17Page - Texas Instruments MCP6291IDBVR Datasheet HTML 18Page - Texas Instruments MCP6291IDBVR Datasheet HTML 19Page - Texas Instruments MCP6291IDBVR Datasheet HTML 20Page - Texas Instruments MCP6291IDBVR Datasheet HTML 21Page - Texas Instruments MCP6291IDBVR Datasheet HTML 22Page - Texas Instruments MCP6291IDBVR Datasheet HTML 23Page - Texas Instruments MCP6291IDBVR Datasheet HTML 24Page - Texas Instruments MCP6291IDBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
5 kW
10-mA maximum
V+
V
IN
V
OUT
I
OVERLOAD
Device
21
MCP6291, MCP6292, MCP6294
www.ti.com
SBOS879C – JULY 2017 – REVISED JANUARY 2019
Product Folder Links: MCP6291 MCP6292 MCP6294
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
10 Power Supply Recommendations
The MCP629x series is specified for operation from 2.4 V to 5.5 V (±1.2 V to ±2.75 V); many specifications apply
from –40°C to 125°C. The Typical Characteristics section presents parameters that can exhibit significant
variance with regard to operating voltage or temperature.
CAUTION
Supply voltages larger than 6 V can permanently damage the device; see the Absolute
Maximum Ratings table.
Place 0.1-µF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or high-
impedance power supplies. For more detailed information on bypass capacitor placement, see the Layout
Example section.
10.1 Input and ESD Protection
The MCP629x series incorporates internal ESD protection circuits on all pins. For input and output pins, this
protection primarily consists of current-steering diodes connected between the input and power-supply pins.
These ESD protection diodes provide in-circuit, input overdrive protection, as long as the current is limited to 10-
mA, as stated in the Absolute Maximum Ratings table. Figure 35 shows how a series input resistor is added to
the driven input to limit the input current. The added resistor contributes thermal noise at the amplifier input and
the value must be kept to a minimum in noise-sensitive applications.
Figure 35. Input Current Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com