Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6291IDBVR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # MCP6291IDBVR
Description  10-MHz, Rail-to-Rail Operational Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCP6291IDBVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button MCP6291IDBVR Datasheet HTML 18Page - Texas Instruments MCP6291IDBVR Datasheet HTML 19Page - Texas Instruments MCP6291IDBVR Datasheet HTML 20Page - Texas Instruments MCP6291IDBVR Datasheet HTML 21Page - Texas Instruments MCP6291IDBVR Datasheet HTML 22Page - Texas Instruments MCP6291IDBVR Datasheet HTML 23Page - Texas Instruments MCP6291IDBVR Datasheet HTML 24Page - Texas Instruments MCP6291IDBVR Datasheet HTML 25Page - Texas Instruments MCP6291IDBVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
OUT A
-IN A
+IN A
V±
OUT B
-IN B
+IN B
V+
VS±
GND
Ground (GND) plane on another layer
Keep input traces short
and run the input traces
as far away from
the supply lines
as possible.
Place components
close to device and to
each other to reduce
parasitic errors.
Use low-ESR,
ceramic bypass
capacitor. Place as
close to the device
as possible.
VIN A
GND
RF
RG
VIN B
GND
RF
RG
VS+
GND
OUT A
OUT B
Use low-ESR,
ceramic bypass
capacitor. Place as
close to the device
as possible.
+
VIN B
VOUT B
RG
RF
+
VIN A
VOUT A
RG
RF
22
MCP6291, MCP6292, MCP6294
SBOS879C – JULY 2017 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: MCP6291 MCP6292 MCP6294
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
For best operational performance of the device, use good printed-circuit board (PCB) layout practices, including:
•
Noise can propagate into analog circuitry through the power pins of the circuit as a whole and of op amp
itself. Bypass capacitors reduce the coupled noise by providing low-impedance power sources local to the
analog circuitry.
–
Connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and ground, placed as
close to the device as possible. A single bypass capacitor from V+ to ground is applicable for single-
supply applications.
•
Separate grounding for analog and digital portions of circuitry is one of the simplest and most-effective
methods of noise suppression. One or more layers on multilayer PCBs are usually devoted to ground
planes. A ground plane helps distribute heat and reduces electromagnetic interference (EMI) noise
pickup. Make sure to physically separate digital and analog grounds, paying attention to the flow of the
ground current. For more detailed information, see Circuit Board Layout Techniques.
•
To reduce parasitic coupling, run the input traces as far away from the supply or output traces as
possible. If these traces cannot be kept separate, crossing the sensitive trace perpendicular is much
better as opposed to in parallel with the noisy trace.
•
Place the external components as close to the device as possible. As shown in Figure 37, keeping RF
and RG close to the inverting input minimizes parasitic capacitance on the inverting input.
•
Keep the length of input traces as short as possible. Always remember that the input traces are the most
sensitive part of the circuit.
•
Consider a driven, low-impedance guard ring around the critical traces. A guard ring can significantly
reduce leakage currents from nearby traces that are at different potentials.
•
Cleaning the PCB following board assembly is recommended for best performance.
•
Any precision integrated circuit can experience performance shifts resulting from moisture ingress into the
plastic package. Following any aqueous PCB cleaning process, baking the PCB assembly is
recommended to remove moisture introduced into the device packaging during the cleaning process. A
low-temperature, post-cleaning bake at 85°C for 30 minutes is sufficient for most circumstances.
11.2 Layout Example
Figure 36. Schematic Representation for Figure 37
Figure 37. Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com