Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3530 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPM3530
Description  55V, 3A, Step-Down Power Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3530 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPM3530 Datasheet HTML 8Page - Monolithic Power Systems MPM3530 Datasheet HTML 9Page - Monolithic Power Systems MPM3530 Datasheet HTML 10Page - Monolithic Power Systems MPM3530 Datasheet HTML 11Page - Monolithic Power Systems MPM3530 Datasheet HTML 12Page - Monolithic Power Systems MPM3530 Datasheet HTML 13Page - Monolithic Power Systems MPM3530 Datasheet HTML 14Page - Monolithic Power Systems MPM3530 Datasheet HTML 15Page - Monolithic Power Systems MPM3530 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MPM3530
– 55V, 3A, STEP-DOWN POWER MODULE
MPM3530 Rev. 1.0
www.MonolithicPower.com
12
9/21/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
There is no internal pull-up or pull-down at EN,
so when it is floating, the EN status is uncertain.
EN is clamped internally using a 6.5V Zener
diode between EN and GND. Connecting EN to
a voltage source directly without any pull-up
resistor requires limiting the voltage amplitude
to
≤6V to prevent damage to the Zener diode.
EN can be connected to a higher voltage (such
as VIN) through a pull-up resistor if the system
does not have another logic signal acting as the
enable signal. If doing this, ensure that the pull-
up resistor is high enough to keep the sink
current flowing into EN below 150µA to avoid
damaging the Zener diode. For example, when
connecting EN to VIN = 12V, RPULL-UP ≥ (12V -
6.5V) ÷ 150μA = 37kΩ.
Soft Start (SS)
A soft start (SS)
is implemented in the
MPM3530 to ensure a smooth output voltage
during power-on and power-off. The soft-start
function also helps reduce inrush current during
start-up. The soft-start function is achieved by
ramping SS up slowly and using SS to override
the internal reference (REF) when SS - 900mV
is lower than REF. When SS - 900mV is higher
than REF, REF regains control. 900mV is the
offset voltage of SS, which means SS is
detected as 0 internally when it is lower than
900mV. To minimize the delay for SS to reach
0.9V, an internal pull-up circuit with about 30µA
of average current pulls SS up to 600mV. Then
use a 4µA constant current to charge SS until it
reaches 2.5V. When SS is in the range of 0.9 -
1.9V, it overrides REF as the reference voltage
of the error amplifier. During this period, the
output voltage ramps up from 0 to the regulated
value following the rise of SS.
An internal 4.7nF SS capacitor is used in the
MPM3530.
The
default
SS
time
can
be
estimated with Equation (1):
)
A
(
I
)
V
(
V
)
nF
(
C
)
ms
(
t
SS
REF
SS
SS
(1)
The default SS time is about 1.2ms. If a longer
SS time is needed, an external SS capacitor
can be added between SS and AGND. The
external capacitor value can be determined with
Equation (2):
)
nF
(
.
)
V
(
V
)
A
(
I
)
ms
(
T
)
nF
(
C
REF
SS
SS
SS
7
4
(2)
Over-Voltage Protection (OVP)
The MPM3530 monitors the feedback output
voltage
to
achieve
over-voltage
protection
(OVP). If VFB is higher than 103% x REF, the
MPM3530 switches to sleep mode, the HS-FET
turns off, and the LS-FET turns on to discharge
the output energy. The MPM3530 resumes
normal operation after VFB drops below 103% x
REF. If VFB is higher than 110% x REF, the HS-
FET and LS-FET are turned off immediately.
Then both MOSFETs are latched, and the PG
signal is asserted to indicate the fault status.
Recycle EN or VIN to clear the protection.
Over-Current Protection (OCP)
The MPM3530 has cycle-by-cycle peak-current-
limit protection and valley-current detection
protection. The inductor current is monitored
during the HS-FET on state. If the inductor
current exceeds the current limit value set by
VCOMP, the HS-FET turns off immediately. Then
the LS-FET is turned on to discharge the
energy, and the inductor current decreases.
The HS-FET will not turn on again unless the
inductor valley current is below a certain current
threshold (valley current limit). This is useful for
preventing an inductor current runaway. Both
the peak current limit and the valley current limit
values depend on VFB. If the feedback output
voltage is higher than 50% x REF, the current
limit value is at the normal value. If the
feedback output voltage is lower than 50% x
RFF, the current limit decreases to half the
normal value when the feedback output voltage
is zero. This feature is very useful for reducing
over-current
protection
(OCP)
thermal
dissipation, which may worsen when the output
voltage is shorted. It is also useful for reducing
high inrush current during start-up.
Under-Voltage Lockout (UVLO) Protection
The MPM3530 has an input under-voltage
lockout protection (UVLO). Assuming that EN is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com