Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3530 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPM3530
Description  55V, 3A, Step-Down Power Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3530 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPM3530 Datasheet HTML 9Page - Monolithic Power Systems MPM3530 Datasheet HTML 10Page - Monolithic Power Systems MPM3530 Datasheet HTML 11Page - Monolithic Power Systems MPM3530 Datasheet HTML 12Page - Monolithic Power Systems MPM3530 Datasheet HTML 13Page - Monolithic Power Systems MPM3530 Datasheet HTML 14Page - Monolithic Power Systems MPM3530 Datasheet HTML 15Page - Monolithic Power Systems MPM3530 Datasheet HTML 16Page - Monolithic Power Systems MPM3530 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MPM3530
– 55V, 3A, STEP-DOWN POWER MODULE
MPM3530 Rev. 1.0
www.MonolithicPower.com
13
9/21/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
active, the MPM3530 is powered on when the
input voltage is higher than the UVLO rising
threshold. The MPM3530 is powered off when
the input voltage drops below the UVLO falling
threshold.
Thermal Shutdown Protection
Thermal
shutdown
is
employed
in
the
MPM3530
by
monitoring
the
temperature
internally. If the junction temperature exceeds
the threshold (typically 170°C), the regulator
shuts off. The regulator turns on again when the
temperature drops below 160°C. There is a
hysteresis of ~10°C.
Power Good (PG)
The MPM3530 has one power good (PG) pin
out to indicate normal operation after a soft-
start time. PG is the open drain of an internal
MOSFET and should be connected to VDD or
an external voltage source through a resistor
(i.e.: 100k
Ω). After the input voltage is applied,
the MOSFET is turned on, and PG is pulled to
GND before SS is ready. After VFB reaches 90%
of VREF, the MOSFET turns off, and PG is pulled
high by an external voltage source. When VFB
drops to 85% of VREF, the PG voltage is pulled
to GND to indicate a failure output status.
Floating Driver and Bootstrap Charging
An internal bootstrap capacitor (typically
0.1μF)
between BST and SW powers the floating
power MOSFET driver. This floating driver has
its own UVLO protection. This UVLO’s rising
threshold is 2.3V with a hysteresis of 300mV.
The driver’s UVLO is soft-start related. When
the
bootstrap
voltage
reaches
its
UVLO
threshold, the soft-start circuit resets. When the
bootstrap UVLO is gone, the reset is off, and
the soft-start process resumes.
The
dedicated
internal
bootstrap
regulator
regulates and charges the bootstrap capacitor
to 4.2V. When the voltage between the BST
and SW nodes is less than its regulation, a
PMOS pass transistor from VIN to BST turns on.
The charging current path is from VIN to BST to
SW.
As long as VIN is higher than VSW sufficiently,
the bootstrap capacitor can be charged. When
the HS-FET is on, VIN ≈ VSW, so the bootstrap
capacitor cannot be charged. When the LS-FET
is on, the difference between VIN and VSW is at
its largest, making it the best period to charge.
When there is no current in the inductor, VSW =
VOUT, so the difference between VIN and VOUT
can charge the bootstrap capacitor. At higher
duty cycles, there is less time for the bootstrap
charging, so the bootstrap capacitor may not be
charged sufficiently. If the internal circuit does
not have sufficient voltage and the bootstrap
capacitor is not charged, extra external circuitry
can be used to ensure that the bootstrap
voltage is within the normal operating region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com