Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1815SWX7F Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM1815SWX7F
Description  Low Power Reset Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1815SWX7F Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM1815SWX7F Datasheet HTML 2Page - STMicroelectronics STM1815SWX7F Datasheet HTML 3Page - STMicroelectronics STM1815SWX7F Datasheet HTML 4Page - STMicroelectronics STM1815SWX7F Datasheet HTML 5Page - STMicroelectronics STM1815SWX7F Datasheet HTML 6Page - STMicroelectronics STM1815SWX7F Datasheet HTML 7Page - STMicroelectronics STM1815SWX7F Datasheet HTML 8Page - STMicroelectronics STM1815SWX7F Datasheet HTML 9Page - STMicroelectronics STM1815SWX7F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
STM1810/1811/1812/1813/1815/1816/1817/1818
6/20
PIN DESCRIPTIONS
See Figure 2., Logic Diagram and Table 2., Signal
Names for a brief overview of the signals connect-
ed to this device.
Active-Low RST Output (Push-pull). Pulses
low when VCC drops below VRST, and stays low as
long as VCC is below the reset threshold. It re-
mains low for trec after VCC rises above the reset
threshold.
Active-Low RST Output (Open Drain). Pulses
low when VCC drops below VRST, and stays low as
long as VCC is below the reset threshold. It re-
mains low for trec after VCC rises above the reset
threshold. RST output has an internal 5.5k
Ω pull-
up resistor.
Active-high RST Output (Push-pull). Pulses
high when VCC drops below VRST, and stays high
as long as VCC is below the reset threshold. It re-
mains high for trec after VCC rises above the reset
threshold.
Active-Low RST Output (Open Drain with inter-
nal 5.5k
Ω pull-up) with Manual Reset Detect.
Pulses low when VCC drops below VRST, or RST
is externally pulled low for at least 1.5µs. It re-
mains low for tPBRST after VCC rises above the re-
set threshold, or after the external manual reset is
released (see Figure 10., page 8). RST output has
an internal 5.5k
Ω pull-up resistor.
VCC. Supply voltage and input for VRST compara-
tor.
VSS. Ground, is the reference for the power sup-
ply. It must be connected to the system ground.
Table 3. STM1810/STM1815
Table 4. STM1811/STM1816
Table 5. STM1812/STM1817
Table 6. STM1813/STM1818
Pin
Name
Function
1RST
Active-low Reset Output (Push-pull)
2
VCC
Supply Voltage and Input for Reset Threshold Monitor
3
VSS
Ground
Pin
Name
Function
1RST
Active-low Reset Output (Open Drain, with internal 5.5k
Ω pull-up resistor)
2
VCC
Supply Voltage and Input for Reset Threshold Monitor
3
VSS
Ground
Pin
Name
Function
1
RST
Active-high Reset Output (Push-pull)
2
VCC
Supply Voltage and Input for Reset Threshold Monitor
3
VSS
Ground
Pin
Name
Function
1RST
Active-low Reset Output (Open Drain, with internal 5.5k
Ω pull-up) with Push-Button/Manual
Reset Detect
2
VCC
Supply Voltage and Input for Reset Threshold Monitor
3
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com