Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1815SWX7F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM1815SWX7F
Description  Low Power Reset Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1815SWX7F Datasheet(HTML) 1 Page - STMicroelectronics

  STM1815SWX7F Datasheet HTML 1Page - STMicroelectronics STM1815SWX7F Datasheet HTML 2Page - STMicroelectronics STM1815SWX7F Datasheet HTML 3Page - STMicroelectronics STM1815SWX7F Datasheet HTML 4Page - STMicroelectronics STM1815SWX7F Datasheet HTML 5Page - STMicroelectronics STM1815SWX7F Datasheet HTML 6Page - STMicroelectronics STM1815SWX7F Datasheet HTML 7Page - STMicroelectronics STM1815SWX7F Datasheet HTML 8Page - STMicroelectronics STM1815SWX7F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
PRELIMINARY DATA
June 2005
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
STM1810, STM1811, STM1812, STM1813
STM1815, STM1816, STM1817, STM1818
Low Power Reset Circuit
Rev 5
FEATURES SUMMARY
■
PRECISION MONITORING OF 3V, 3.3V,
AND 5V SUPPLY VOLTAGES
■
FOUR OUTPUT CONFIGURATIONS
–
Push-Pull, Active-High (STM1812,1817)
–
Push-Pull, Active-Low (STM1810,1815)
–
Open Drain, Active-Low (STM1811,1816)
–
Open Drain, Active-Low with Push-Button
Detect (STM1813,1818)
■
RESET PULSE WIDTH - 100ms (min)
■
LOW SUPPLY CURRENT - 4uA (typ)
■
GUARANTEED ASSERTION DOWN TO
VCC = 1.0V (0°C to 105°C)
■
FACTORY-TRIMMED RESET
THRESHOLDS OF 2.55V, 2.88V, 3.06V,
4.37V, and 4.62V (typ)
■
POWER SUPPLY TRANSIENT IMMUNITY
■
PUSH-BUTTON/MANUAL RESET DETECT
(STM1813/1818)
■
OPERATING TEMPERATURE:
–40°C TO 105°C
■
±2.5% RESET THRESHOLD ACCURACY
(–40°C TO 105°C)
■
AVAILABLE IN THE SOT23-3 PACKAGE
■
FULLY COMPATIBLE WITH DS181x AND
MXD181x PRODUCTS
Figure 1. Packages
Table 1. Device Options
Note: 1. Active-low RST with internal pull-up resistor
SOT23-3 (WX)
5V
3.3V/
3.0V
Active-Low
RESET
(Push-Pull)
Active-Low
RESET
(Open Drain)
Active-High
RESET
(Push-Pull)
Active-Low RESET
(Open Drain,
Bi-directional, with MR Detect)
STM1810L/M
✔✔
STM1811L/M
✔
✔(1)
STM1812L/M
✔✔
STM1813L/M
✔
✔
STM1815T/S/R
✔✔
STM1816T/S/R
✔
✔(1)
STM1817T/S/R
✔✔
STM1818T/S/R
✔✔


Similar Part No. - STM1815SWX7F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1815SWX7F STMICROELECTRONICS-STM1815SWX7F Datasheet
325Kb / 25P
Low power reset circuit
02-Sep-2010
More results

Similar Description - STM1815SWX7F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3470 NSC-LP3470 Datasheet
568Kb / 8P
Tiny Power On Reset Circuit
logo
STMicroelectronics
STM809 STMICROELECTRONICS-STM809 Datasheet
255Kb / 18P
Reset Circuit
Nov-2004
STM1001 STMICROELECTRONICS-STM1001 Datasheet
185Kb / 13P
Reset Circuit
Nov-2004
STM1001 STMICROELECTRONICS-STM1001_05 Datasheet
243Kb / 14P
Reset Circuit
Sep-2005
STM1810 STMICROELECTRONICS-STM1810_07 Datasheet
261Kb / 25P
Low power reset circuit
28-Aug-2007
STM809 STMICROELECTRONICS-STM809_10 Datasheet
424Kb / 21P
Reset circuit
05-Jan-2010
STM1810 STMICROELECTRONICS-STM1810_10 Datasheet
325Kb / 25P
Low power reset circuit
02-Sep-2010
logo
SG Micro Corp
SGM800 SGMICRO-SGM800_17 Datasheet
922Kb / 11P
Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
SGM804 SGMICRO-SGM804_17 Datasheet
856Kb / 11P
Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
logo
Shenzhen Huazhimei Semi...
HM803 HMSEMI-HM803 Datasheet
818Kb / 11P
Low-power microprocessor power monitoring reset circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com