Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCV1D331MCL2GS Datasheet(PDF) 3 Page - Nichicon corporation

Part # PCV1D331MCL2GS
Description  Chip Type, High Voltage / Long Life
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCV1D331MCL2GS Datasheet(HTML) 3 Page - Nichicon corporation

  PCV1D331MCL2GS Datasheet HTML 1Page - Nichicon corporation PCV1D331MCL2GS Datasheet HTML 2Page - Nichicon corporation PCV1D331MCL2GS Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
51
CAT.8100H
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCV
Dimensions
Taping specifications are given in page 23.
Recommended land size, soldering by reflow are given in page 18, 19.
Please refer to page 3 for the minimum order quantity.
Rated Voltage
(V)(code)
Surge Voltage
(V)
ESR (m )
(at 100kHz 20°C)
Rated Ripple
(mArms)
Rated Capacitance
(µF)
Case Size
φD × L (mm)
tan δ
Part Number
Leakage Current
(µA)
800
1200
1100
1300
1700
1500
2000
3300
2600
2200
3400
3400
2600
3600
700
1200
1000
1100
1700
1400
3200
2000
2500
2200
3400
3300
2500
3400
1600
1800
1900
2200
1500
1700
1900
2100
1100
1300
1400
2000
   81
55
 63
60
 36
49
 34
29
37
  30
28
29
 29
27
105
56
 75
70
 37
56
30
 35
38
  31
29
30
 30
28
43
41
39
38
48
45
42
41
93
84
69
48
82
120
150
220
330
330
390
470
470
470
560
680
680
1000
71
103
126
151
277
277
340
340
340
416
491
592
592
706
160
192
240
352
136
200
240
360
170
205
300
375
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
6.3 ×6
6.3 × 6
8 × 7
8 × 7
8 × 10
10 × 8
8 × 12
8 × 10
10 × 8
10 × 10
8 × 12
10 × 10
10 × 12.7
10 × 12.7
6.3 × 6
6.3 × 6
8 × 7
8 × 7
8 × 10
10 × 8
8 × 10
8 × 12
10 × 8
10 × 10
8 × 12
10 × 10
10 × 12.7
10 × 12.7
8 × 10
8 × 12
10 × 10
10 × 12.7
8 × 10
8 × 12
10 × 10
10 × 12.7
8 × 10
8 × 12
10 × 10
10 × 12.7
8.2
12
15
22
33
33
39
47
47
47
56
68
68
100
5.6
8.2
10
12
22
22
27
27
27
33
39
47
47
56
10
12
15
22
10
12
18
12
15
57.5
72.4
92.0
50
(1H)
63
(1J)
80
(1K)
115
100
(2A)
143
125
(2B)
PCV1H8R2MCL1GS
PCV1H120MCL2GS
PCV1H150MCL1GS
PCV1H220MCL2GS
PCV1H330MCL6GS
PCV1H330MCL1GS
PCV1H390MCL1GS
PCV1H470MCL7GS
PCV1H470MCL2GS
PCV1H470MCL1GS
PCV1H560MCL2GS
PCV1H680MCL2GS
PCV1H680MCL1GS
PCV1H101MCL2GS
PCV1J5R6MCL1GS
PCV1J8R2MCL2GS
PCV1J100MCL1GS
PCV1J120MCL2GS
PCV1J220MCL6GS
PCV1J220MCL1GS
PCV1J270MCL7GS
PCV1J270MCL1GS
PCV1J270MCL2GS
PCV1J330MCL1GS
PCV1J390MCL2GS
PCV1J470MCL2GS
PCV1J470MCL1GS
PCV1J560MCL2GS
PCV1K100MCL1GS
PCV1K120MCL1GS
PCV1K150MCL1GS
PCV1K220MCL1GS
PCV2A6R8MCL1GS
PCV2A100MCL1GS
PCV2A120MCL1GS
PCV2A180MCL1GS
PCV2B6R8MCL1GS
PCV2B8R2MCL1GS
PCV2B120MCL1GS
PCV2B150MCL1GS
6.8
6.8
8.2
Rated ripple current (mArms) at 105°C 100kHz
No marked, 1 will be put at 12th digit of type numbering system.
: In this case, 2 will be put at 12th digit of type numbering system.
: In this case, 6 will be put at 12th digit of type numbering system.
: In this case, 7 will be put at 12th digit of type numbering system.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com