Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCV1D331MCL2GS Datasheet(PDF) 2 Page - Nichicon corporation

Part # PCV1D331MCL2GS
Description  Chip Type, High Voltage / Long Life
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCV1D331MCL2GS Datasheet(HTML) 2 Page - Nichicon corporation

  PCV1D331MCL2GS Datasheet HTML 1Page - Nichicon corporation PCV1D331MCL2GS Datasheet HTML 2Page - Nichicon corporation PCV1D331MCL2GS Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
50
CAT.8100H
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCV
Dimensions
Rated Voltage
(V)(code)
Surge Voltage
(V)
ESR (m )
(at 100kHz 20°C)
Rated Ripple
(mArms)
Rated Capacitance
(µF)
Case Size
φD × L (mm)
tan δ
Part Number
Leakage Current
(µA)
1000
1300
1500
1700
2000
2000
3800
2300
3200
2400
4100
3900
2800
4400
1000
1300
1300
1400
2000
1900
3100
3700
2300
4000
2300
3800
2700
4300
1000
1300
1300
1400
1900
1800
3600
2200
3000
2300
3800
3700
2700
4200
900
1300
1200
1400
1900
1800
3600
2200
3000
2200
3800
3700
2600
4100
 50
47
 36
34
 27
31
21
 26
24
 26
20
21
 25
19
 55
48
 45
42
 28
33
25
22
 27
21
  27
22
 26
20
 60
49
 50
47
 29
35
23
 28
26
  28
22
23
 27
21
64
50
 55
52
 31
37
24
 29
27
  29
23
24
 28
22
179
262
320
480
704
704
864
864
864
1056
1248
1504
1504
2176
188
224
272
400
600
600
720
880
880
1080
1080
1320
1320
1880
165
235
280
410
600
600
750
750
750
900
1100
1350
1350
1950
126
154
189
273
392
476
574
574
574
700
840
840
1050
1260
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
6.3 × 6
6.3 × 6
8 × 7
8 × 7
8 × 10
10 × 8
8 × 10
8 × 12
10 × 8
10 × 10
8 × 12
10 × 10
10 × 12.7
10 × 12.7
6.3 × 6
6.3 × 6
8 × 7
8 × 7
8 × 10
10 × 8
10 × 8
8 × 10
8 × 12
8 × 12
10 × 10
10 × 10
10 × 12.7
10 × 12.7
6.3 × 6
6.3 × 6
8 × 7
8 × 7
8 × 10
10 × 8
8 × 10
8 × 12
10 × 8
10 × 10
8 × 12
10 × 10
10 × 12.7
10 × 12.7
6.3 × 6
6.3 × 6
8 × 7
8 × 7
8 × 10
10 × 8
8 × 10
8 × 12
10 × 8
10 × 10
8 × 12
10 × 10
10 × 12.7
10 × 12.7
56
82
100
150
220
220
270
270
270
330
390
470
470
680
47
56
68
100
150
150
180
220
220
270
270
330
330
470
33
47
56
82
120
120
150
150
150
180
220
270
270
390
18
22
27
39
56
68
82
82
82
100
120
120
150
180
18.4
28.7
23.0
16
(1C)
20
(1D)
25
(1E)
PCV1C560MCL1GS
PCV1C820MCL2GS
PCV1C101MCL1GS
PCV1C151MCL2GS
PCV1C221MCL6GS
PCV1C221MCL1GS
PCV1C271MCL7GS
PCV1C271MCL1GS
PCV1C271MCL2GS
PCV1C331MCL1GS
PCV1C391MCL2GS
PCV1C471MCL2GS
PCV1C471MCL1GS
PCV1C681MCL2GS
PCV1D470MCL1GS
PCV1D560MCL2GS
PCV1D680MCL1GS
PCV1D101MCL2GS
PCV1D151MCL6GS
PCV1D151MCL1GS
PCV1D181MCL2GS
PCV1D221MCL7GS
PCV1D221MCL1GS
PCV1D271MCL2GS
PCV1D271MCL1GS
PCV1D331MCL2GS
PCV1D331MCL1GS
PCV1D471MCL2GS
PCV1E330MCL1GS
PCV1E470MCL2GS
PCV1E560MCL1GS
PCV1E820MCL2GS
PCV1E121MCL6GS
PCV1E121MCL1GS
PCV1E151MCL7GS
PCV1E151MCL1GS
PCV1E151MCL2GS
PCV1E181MCL1GS
PCV1E221MCL2GS
PCV1E271MCL2GS
PCV1E271MCL1GS
PCV1E391MCL2GS
PCV1V180MCL1GS
PCV1V220MCL2GS
PCV1V270MCL1GS
PCV1V390MCL2GS
PCV1V560MCL1GS
PCV1V680MCL1GS
PCV1V820MCL7GS
PCV1V820MCL1GS
PCV1V820MCL2GS
PCV1V101MCL1GS
PCV1V121MCL7GS
PCV1V121MCL2GS
PCV1V151MCL1GS
PCV1V181MCL2GS
40.2
35
(1V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com