Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8803 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP8803
Description  30V 1A BUCK LED DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8803 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP8803 Datasheet HTML 1Page - Diodes Incorporated AP8803 Datasheet HTML 2Page - Diodes Incorporated AP8803 Datasheet HTML 3Page - Diodes Incorporated AP8803 Datasheet HTML 4Page - Diodes Incorporated AP8803 Datasheet HTML 5Page - Diodes Incorporated AP8803 Datasheet HTML 6Page - Diodes Incorporated AP8803 Datasheet HTML 7Page - Diodes Incorporated AP8803 Datasheet HTML 8Page - Diodes Incorporated AP8803 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AP8803
Document number: DS31970 Rev. 5 - 2
4 of 10
www.diodes.com
August 2012
© Diodes Incorporated
AP8803
Application Information
AP8803 Operation
The AP8803 is a hysteretic LED current switching regulator sometimes known as an equal ripple switching regulator. In normal operation, when
voltage is applied at +VIN (See Figure 1), the AP8803 internal switch is turned on. Current starts to flow through sense resistor R1, inductor L1,
and the LEDs. The current ramps up linearly, and the ramp rate is determined by the input voltage +VIN, and the inductor L1 (See Figure 2).
L1
RSET
C1
AP8803
CTRL
VIN
SET
SW
GND
12V_DC
Figure 1 Typical configuration
Figure 2 Typical switching waveform
This rising current produces a voltage ramp across RSET. The internal circuit of the AP8803 senses the voltage across RSET and applies a
proportional voltage to the input of the internal comparator.
When this voltage reaches an internally set upper threshold, the internal switch is turned off. The inductor current continues to flow through
RSET, L1, the LEDs and the schottky diode D1, and back to the supply rail, but it decays, with the rate of decay determined by the forward
voltage drop of the LEDs and the schottky diode.
This decaying current produces a falling voltage at RSET, which is sensed by the AP8803. A voltage proportional to the sense voltage across
RSET is applied at the input of the internal comparator. When this voltage falls to the internally set lower threshold, the internal switch is turned
on again. This switch-on-and-off cycle continues to provide the average LED current set by the sense resistor RSET, with a switching current
determined by the input voltage and LED chain voltage.
In normal operation the off time is relatively constant (determined mainly by the LED chain voltage) with only the on-time varying as the input
voltage changes. At duty cycles up to around 80% the ramp of the LED/switch current is very linear; however, as the duty cycle approaches
95% the LED current ramp starts to become more exponential. This has two effects:
1.
The overall on time starts to increase lowering the overall switching frequency.
2.
The average LED current starts to increase – which may impact accuracy.
LED Current Control
The LED current is controlled by the resistor RSET in Figure 1.
Connected between VIN and SET the nominal average output current in the LED(s) is defined as:
SET
TH
LED
R
V
I
=
where VTH is nominally 100mV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com