Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8803 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP8803
Description  30V 1A BUCK LED DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8803 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP8803 Datasheet HTML 2Page - Diodes Incorporated AP8803 Datasheet HTML 3Page - Diodes Incorporated AP8803 Datasheet HTML 4Page - Diodes Incorporated AP8803 Datasheet HTML 5Page - Diodes Incorporated AP8803 Datasheet HTML 6Page - Diodes Incorporated AP8803 Datasheet HTML 7Page - Diodes Incorporated AP8803 Datasheet HTML 8Page - Diodes Incorporated AP8803 Datasheet HTML 9Page - Diodes Incorporated AP8803 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AP8803
Document number: DS31970 Rev. 5 - 2
8 of 10
www.diodes.com
August 2012
© Diodes Incorporated
AP8803
Application Information (cont.)
Fault Condition Operation
The AP8803 has by default open LED protection. If the LEDs should become open circuit the AP8803 will stop oscillating; the SET pin will rise
to VIN and the SW pin will then fall to GND. No excessive voltages will be seen by the AP8803.
If the LEDs should become shorted together the AP8803 will continue to switch however the duty cycle at which it will operate will change
dramatically and the switching frequency will most likely decrease. The on-time of the internal power MOSFET switch will be significantly
reduced because almost all of the input voltage is now developed across the inductor. The off-time will be significantly increased because the
reverse voltage across the inductor is now just the Schottky diode voltage (See Figure 7) causing a much slower decay in inductor current.
During this condition the inductor current will remain within its controlled levels and so no excessive heat will be generated within the AP8803.
Figure 7 Switching Characteristics (normal open to short LED chain)
Thermal Considerations
The graph below in Figure 8, gives details for power dissipation derating. This assumes the device to be mounted on a 25 x 25mm PCB with
1oz copper standing in still air.
0
0.2
0.4
0.6
0.8
1
1.2
-50
-25
0
25
50
75
100
125
150
Ambient Temperature (°C)
Figure 8 Power Dissipation Derating Curve
The maximum power dissipation is affected by PCB area and the area of copper associated with the LX pin as well as other components on the
PCB generating heat – such as the inductor, capacitor or rectifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com