Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2841 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM2841
Description  1.5A SW CURRENT, 40V PRECISION WLED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2841 Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM2841 Datasheet HTML 1Page - Diodes Incorporated PAM2841 Datasheet HTML 2Page - Diodes Incorporated PAM2841 Datasheet HTML 3Page - Diodes Incorporated PAM2841 Datasheet HTML 4Page - Diodes Incorporated PAM2841 Datasheet HTML 5Page - Diodes Incorporated PAM2841 Datasheet HTML 6Page - Diodes Incorporated PAM2841 Datasheet HTML 7Page - Diodes Incorporated PAM2841 Datasheet HTML 8Page - Diodes Incorporated PAM2841 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PAM2841
Document number: DS36411 Rev. 2 - 2
4 of 15
www.diodes.com
October 2017
© Diodes Incorporated
PAM2841
Electrical Characteristics (@TA = +25°C, VEN = VDD = 5.0V, 10 LEDs, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VDD
Supply Voltage Range
—
2.7
—
5.5
V
IQ
Quiescent Current
No Switching
—
200
300
µA
ISD
Shutdown Current
VENA = Low
—
—
1
µA
IO
Output Current
R3 = η.1Ω
—
40
—
mA
R3 = θ.8Ω
—
30
—
R3 = 10Ω
—
20
—
R3 = 20Ω
—
10
—
VO
Output Voltage Range
—
VIN x 1.1
—
40
V
VFB
Feedback Voltage
VENA = High
194
200
206
mV
RDS(ON)
SW On-Resistance
ISW = 100mA
—
0.35
0.5
Ω
ILIM
SW Current Limit
Switch On
—
1.5
—
A
fSW
SW Frequency
—
0.7
1.0
1.3
MHz
DC
Maximum Duty Cycle
—
—
95
—
%
OVP
Over Voltage Protection
Threshold
Open Load
—
1.2
—
V
VEL
Enable Threshold Voltage
Chip Shutdown
—
—
0.4
V
VEH
Chip On
1.2
—
—
UVLO
Under Voltage Lockout
VIN Falling
2.0
2.2
2.4
V
VTH
UVLO Hysterisis
—
—
0.2
—
V
OTS
Over Temperature Shutdown
—
—
+150
—
°C
OTH
Over Temperature Hysterisis
—
—
+30
—
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com