Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2841 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # PAM2841
Description  1.5A SW CURRENT, 40V PRECISION WLED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2841 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button PAM2841 Datasheet HTML 7Page - Diodes Incorporated PAM2841 Datasheet HTML 8Page - Diodes Incorporated PAM2841 Datasheet HTML 9Page - Diodes Incorporated PAM2841 Datasheet HTML 10Page - Diodes Incorporated PAM2841 Datasheet HTML 11Page - Diodes Incorporated PAM2841 Datasheet HTML 12Page - Diodes Incorporated PAM2841 Datasheet HTML 13Page - Diodes Incorporated PAM2841 Datasheet HTML 14Page - Diodes Incorporated PAM2841 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PAM2841
Document number: DS36411 Rev. 2 - 2
11 of 15
www.diodes.com
October 2017
© Diodes Incorporated
PAM2841
Application Information (Cont.)
Figure 3
4.
Using a Filtered PWM Signal
The filtered PWM signal can be considered as an adjustable DC voltage. Such regulated signal is often with some grade of ripple because of
some simple configuration of circuit. With appropriated arrangement of PWM frequency and level, and filter parameters, it can be used to replace
the variable DC voltage source in dimming control.
The circuit is shown in Figure 4.
Figure 4
Layout Consideration
As for all switching power supplies, especially those in high frequency and high current ones, layout is an important design step. If layout is not
carefully done, the regulator could suffer from instability as well as noise problems.
1.
Use separate traces for power ground and signal ground. Power ground and signal ground are connected together to a quite ground (input
connector).
2.
To prevent radiation of high frequency resonance, proper layout of the high frequency switching path is essential. Minimize the length and
area of all traces connecting to the SW pin. The loop including the PWM switch, Schottky diode and output capacitor, contains high current
rising and falling in nanosecond and thus it should be kept as short as possible.
3.
The input capacitor should be close to both the VIN pin and the GND pin in order to reduce the IC supply ripple.
4.
Keep the signal ground traces short and as close to the IC as possible. Small signal components should be placed as close as possible to the
IC, thus minimizing control signal noise interference.
VIN
ENA
L1
D1
C3
1µF
R1
910k
R2
27k
C1
10µF
C2
1µF
PGND
PGND
VIN
ENA
Comp
ENA
VIN
Comp
SW
OVP
FB
GND
R4
5k
R5
90k
R3
C4
10nF
SW
OVP
FB
GND
PAM2841
PAM2841
VIN
ENA
C1
10µF
L1
22µH
D1
C3
1µF
R1
910k
R2
27k
C2
1µF
R4
R5
90k
5k
R3
R6
C4
10nF
C5
100nF
10k
5V
0V
PWM
22µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com