Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2841SR Datasheet(PDF) 12 Page - Diodes Incorporated

Part # PAM2841SR
Description  1.5A SW CURRENT, 40V PRECISION WLED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2841SR Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button PAM2841SR Datasheet HTML 7Page - Diodes Incorporated PAM2841SR Datasheet HTML 8Page - Diodes Incorporated PAM2841SR Datasheet HTML 9Page - Diodes Incorporated PAM2841SR Datasheet HTML 10Page - Diodes Incorporated PAM2841SR Datasheet HTML 11Page - Diodes Incorporated PAM2841SR Datasheet HTML 12Page - Diodes Incorporated PAM2841SR Datasheet HTML 13Page - Diodes Incorporated PAM2841SR Datasheet HTML 14Page - Diodes Incorporated PAM2841SR Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
PAM2841
Document number: DS36411 Rev. 2 - 2
12 of 15
www.diodes.com
October 2017
© Diodes Incorporated
PAM2841
Application Information (Cont.)
Layout Example
Top Layer
Bottom Layer
Ordering Information
PAM2841 X X
R: Tape & Reel
Shipping
Package Type
S : MSOP-8
G : U-DFN2020-8
(Type A)
Part Number
Package Type
Standard Package
PAM2841SR
MSOP-8
2500 Units/Tape & Reel
PAM2841GR
U-DFN2020-8 (Type A)
3000 Units/Tape & Reel
Marking Information
(1)
MSOP-8
(Top View)
(2)
U-DFN2020-8 (Type A)
(Top View)
www.diodes.com
www.diodes.com
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
EM : Marking Code
X : Internal Code
Y : Year
W : Week
P2841 : Marking Code
XXX : Internal Code
Y : Year
W : Week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com