Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2841SR Datasheet(PDF) 13 Page - Diodes Incorporated

Part # PAM2841SR
Description  1.5A SW CURRENT, 40V PRECISION WLED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2841SR Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button PAM2841SR Datasheet HTML 7Page - Diodes Incorporated PAM2841SR Datasheet HTML 8Page - Diodes Incorporated PAM2841SR Datasheet HTML 9Page - Diodes Incorporated PAM2841SR Datasheet HTML 10Page - Diodes Incorporated PAM2841SR Datasheet HTML 11Page - Diodes Incorporated PAM2841SR Datasheet HTML 12Page - Diodes Incorporated PAM2841SR Datasheet HTML 13Page - Diodes Incorporated PAM2841SR Datasheet HTML 14Page - Diodes Incorporated PAM2841SR Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
PAM2841
Document number: DS36411 Rev. 2 - 2
13 of 15
www.diodes.com
October 2017
© Diodes Incorporated
PAM2841
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
MSOP-8
A
A1
A2
e
Seating Plane
Gauge Plane
0.25
L
4X10°
4X
10
°
See Detail C
Detail C
c
E1
E3
A3
1
E
y
x
D
b
(2)
U-DFN2020-8 (Type A)
D
D2
E
e
b
L
E2
A
A1
A3
D2/2
E2/2
Seating Plane
Pin #1 ID
k
MSOP-8
Dim Min Max
Typ
A
-
1.10
-
A1
0.05 0.15
0.10
A2
0.75 0.95
0.86
A3
0.29 0.49
0.39
b
0.22 0.38
0.30
c
0.08 0.23
0.15
D
2.90 3.10
3.00
E
4.70 5.10
4.90
E1
2.90 3.10
3.00
E3
2.85 3.05
2.95
e
-
-
0.65
L
0.40 0.80
0.60
a
0°
8°
4°
x
-
-
0.750
y
-
-
0.750
All Dimensions in mm
U-DFN2020-8
(Type A)
Dim
Min
Max
Typ
A
0.570 0.630 0.600
A1
0
0.05
0.02
A3
-
-
0.152
b
0.20 0.30
0.25
D
1.950 2.075
2.00
D2
1.45 1.65
1.55
e
0.500 BSC
E
1.950 2.075
2.00
E2
0.76 0.96
0.86
k
-
-
0.125
L
0.250 0.350 0.300
All Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com