Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1366 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # ZXLD1366
Description  HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1366 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button ZXLD1366 Datasheet HTML 9Page - Diodes Incorporated ZXLD1366 Datasheet HTML 10Page - Diodes Incorporated ZXLD1366 Datasheet HTML 11Page - Diodes Incorporated ZXLD1366 Datasheet HTML 12Page - Diodes Incorporated ZXLD1366 Datasheet HTML 13Page - Diodes Incorporated ZXLD1366 Datasheet HTML 14Page - Diodes Incorporated ZXLD1366 Datasheet HTML 15Page - Diodes Incorporated ZXLD1366 Datasheet HTML 16Page - Diodes Incorporated ZXLD1366 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
ZXLD1366
Document number: DS31992 Rev. 9 - 2
14 of 31
www.diodes.com
April 2016
© Diodes Incorporated
ZXLD1366
Typical Operating Conditions (cont.)
0
10
20
30
40
50
60
SUPPLY VOLTAGE (V)
Output Current, L = 220µH
1.100
1.080
1.060
1.040
1.020
1.000
0.980
1 LED
3 LEDs
5 LEDs
7 LEDs
9 LEDs
11 LEDs
13 LEDs
15 LEDs
0
10
20
30
40
50
60
SUPPLY VOLTAGE (V)
Output Current Deviation, L = 220µH
10
8
6
4
2
0
-2
-4
-6
-8
-10
1 LED
3 LEDs
5 LEDs
7 LEDs
9 LEDs
11 LEDs
13 LEDs
15 LEDs
0
10
20
30
40
50
60
SUPPLY VOLTAGE (V)
Efficiency, L = 220µH
1 LED
3 LEDs
5 LEDs
7 LEDs
9 LEDs
11 LEDs
13 LEDs
15 LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com