Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1366 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXLD1366
Description  HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1366 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXLD1366 Datasheet HTML 1Page - Diodes Incorporated ZXLD1366 Datasheet HTML 2Page - Diodes Incorporated ZXLD1366 Datasheet HTML 3Page - Diodes Incorporated ZXLD1366 Datasheet HTML 4Page - Diodes Incorporated ZXLD1366 Datasheet HTML 5Page - Diodes Incorporated ZXLD1366 Datasheet HTML 6Page - Diodes Incorporated ZXLD1366 Datasheet HTML 7Page - Diodes Incorporated ZXLD1366 Datasheet HTML 8Page - Diodes Incorporated ZXLD1366 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
ZXLD1366
Document number: DS31992 Rev. 9 - 2
2 of 31
www.diodes.com
April 2016
© Diodes Incorporated
ZXLD1366
Block Diagram
Figure 1. Pin Connection for TSOT25 Package
Pin Description
Name
TSOT25
V-DFN3030-6
SO-8EP
Function
LX
1
1
1
Drain of NDMOS switch
GND
2
2, 5
2, 3, 6, 7
Ground (0V)
ADJ
3
3
4
Multi-function On/Off and brightness control pin:
•
Leave floating for normal operation.(VADJ = VREF = 1.25V giving nominal
average output current IOUTnom = 0.2V/RS)
•
Drive to voltage below 0.2V to turn off output current
•
Drive with DC voltage (0.3V < VADJ < 2.5V) to adjust output current from 25%
to 200% of IOUTnom
•
Connect a capacitor from this pin to ground to set soft-start time.
Soft start time increases approximately 0.2ms/nF
ISENSE
4
4
5
Connect resistor RS from this pin to VIN to define nominal average output current
IOUTnom = 0.2V/RS.
(Note: RSMIN = 0.2V with ADJ pin open-circuit)
VIN
5
6
8
Input Voltage (6V to 60V). Decouple to ground with 4.7µF of higher X7R ceramic
capacitor close to device.
Pad
-
Pad
Pad
Exposed Pad (EP) - connected to device substrate.
To improve thermal impedance of package the EP must be connected to power
ground but should not be used as the 0V (GND) current path.
It can be left floating but must not be connected to any other voltage other than
0V.
Low voltage
dete ctor
Voltage
regulator
LX
MN
L1
D1
ISENSE
Adj
Gnd
VIN
VIN
50K
20K
1.25V
1.35V
0.2V
600KHz
+
-
+
-
+
-
R4
R5
R2
R3
R1
2
3
5
4
1
D1
+
-
RS
C1
4.7µF
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com