Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1366DACTC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXLD1366DACTC
Description  HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1366DACTC Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXLD1366DACTC Datasheet HTML 1Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 2Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 3Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 4Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 5Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 6Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 7Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 8Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
ZXLD1366
Document number: DS31992 Rev. 9 - 2
4 of 31
www.diodes.com
April 2016
© Diodes Incorporated
ZXLD1366
Electrical Characteristics (Test conditions: (@ VIN = 24V, TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VSU
Internal Regulator Start-up Threshold
-
-
4.85
5.20
V
VSD
Internal Regulator Shutdown Threshold
-
4.40
4.75
-
V
IINQoff
Quiescent Supply Current with Output off
ADJ pin grounded
-
65
108
µA
IINQon
Quiescent Supply Current with Output Switching
(Note 10)
ADJ pin floating, L = 68µH,
3 LEDs, f = 260kHz
-
1.6
-
mA
VSENSE
Mean Current Sense Threshold Voltage
(Defines LED current setting accuracy)
Measured on ISENSE pin with
respect to VIN VADJ = 1.25V;
VIN = 18V
195
200
205
mV
VSENSEHYS
Sense Threshold Hysteresis
-
-
±15
-
%
ISENSE
ISENSE Pin Input Current
VSENSE = VIN -0.2
-
4
10
µA
VREF
Internal Reference Voltage
Measured on ADJ pin with pin
floating
-
1.25
-
V
VREF/T
Temperature Coefficient of VREF
-
-
50
-
ppm/°C
VADJ
External Control Voltage Range on ADJ pin for DC
Brightness Control (Note 11)
-
0.3
-
2.5
V
VADJoff
DC Voltage on ADJ Pin to Switch Device from
Active (on) State to Quiescent (off) State
VADJ falling
0.15
0.20
0.27
V
VADJon
DC voltage on ADJ pin to switch device from
quiescent (off) state to active (on) state
VADJ rising
0.20
0.25
0.30
V
RADJ
Resistance between ADJ Pin and VREF
0 < VADJ < VREF
VADJ > VREF +100mV
30
10.4
50
14.2
65
18.0
kΩ
ILXmean
Continuous LX Switch Current
-
-
-
1
A
RLX
LX S
witch ‘On’ Resistance
@ ILX = 1A
-
0.50
0.75
Ω
ILX(leak)
LX Switch Leakage Current
-
-
-
5
µA
DPWM(LF)
Duty Cycle Range of PWM Signal Applied to ADJ
Pin During low Frequency PWM Dimming Mode
PWM frequency < 300Hz PWM
amplitude = VREF
Measured on ADJ pin
0.001
-
1.000
V
Brightness Control Range
-
-
1000:1
-
-
DCADJ
DC Brightness Control Range
(Note 11)
-
5:1
-
-
tSS
Soft Start Time
Time taken for output current to
reach 90% of final value after
voltage on ADJ pin has risen
above 0.3V. Requires external
capacitor 22nF. See graphs for
more details
-
2
-
ms
fLX
Operating Frequency
(See graphs for more details)
ADJ pin floating
L = 68µH (0.2V)
IOUT = 1A @ VLED = 3.6V
Driving 3 LEDs
-
260
-
kHz
tONmin
Minimum S
witch ‘ON’ Time
LX switch ‘ON’
-
130
-
ns
tOFFmin
Minimum S
witch ‘OFF’ Time
LX switch ‘OFF’
-
70
-
Notes:
9. 100% brightness corresponds to VADJ = VADJ(nom) = VREF. Driving the ADJ pin above VREF will increase the VSENSE threshold and output
current proportionally.
10. Static current of device is approximately 700 µA, see Graph, Page 16.
11. Ratio of maximum brightness to minimum brightness before shutdown VREF = 1.25/0.3. VREF externally driven to 2.5V, ratio 10:1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com