Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1366DACTC Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXLD1366DACTC
Description  HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1366DACTC Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXLD1366DACTC Datasheet HTML 1Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 2Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 3Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 4Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 5Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 6Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 7Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 8Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
ZXLD1366
Document number: DS31992 Rev. 9 - 2
5 of 31
www.diodes.com
April 2016
© Diodes Incorporated
ZXLD1366
Device Description
The device, in conjunction with the coil (L1) and current sense resistor (RS), forms a self-oscillating continuous-mode buck converter.
Device Operation
(Refer to Figure 1 - Block diagram and Figure 2 Operating waveforms).
Figure 2. Theoretical Operating Waveforms
Operation can be best understood by assuming that the ADJ pin of the device is unconnected and the voltage on this pin (VADJ) appears
directly at the (+) input of the comparator.
When input voltage VIN is first applied, the initial current in L1 and RS is zero and there is no output from the current sense circuit. Under this
condition, the (-) input to the comparator is at ground and its output is high. This turns MN on and switches the LX pin low, causing current to
flow from VIN to ground, via RS, L1 and the LED(s). The current rises at a rate determined by VIN and L1 to produce a voltage ramp (VSENSE)
across RS. The supply referred voltage VSENSE is forced across internal resistor R1 by the current sense circuit and produces a proportional
current in internal resistors R2 and R3. This produces a ground referred rising voltage at the (-) input of the comparator. When this reaches the
threshold voltage (VADJ), the comparator output switches low and MN turns off. The comparator output also drives another NMOS switch,
which bypasses internal resistor R3 to provide a controlled amount of hysteresis. The hysteresis is set by R3 to be nominally 15% of VADJ.
When MN is off, the current in L1 continues to flow via D1 and the LED(s) back to VIN. The current decays at a rate determined by the LED(s)
and diode forward voltages to produce a falling voltage at the input of the comparator. When this voltage returns to VADJ, the comparator
output switches to high again. This cycle of events repeats, with the comparator input ramping between limits of VADJ ± 15%.
Switching Thresholds
With VADJ = VREF, the ratios of R1, R2 and R3 define an average VSENSE switching threshold of 200mV (measured on the ISENSE pin with
respect to VIN). The average output current IOUTnom is then defined by this voltage and RS according to:
IOUTnom = 200mV/RS
Nominal ripple current is ±30mV/RS
0V
VIN
200mV
230mV
0V
SENSE voltage
VSENSE+
VSENSE-
Toff
Ton
170mV
0V
5V
VIN
0.15VADJ
0.15VADJ
IOUTnom
IOUTnom +15%
IOUTnom -15%
VADJ
LX voltage
Coil current
Comparator
input voltage
Comparator
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com