Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1371Q Datasheet(PDF) 21 Page - Diodes Incorporated

Part # ZXLD1371Q
Description  AUTOMOTIVE GRADE 60V HIGH ACCURACY BUCK
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371Q Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button ZXLD1371Q Datasheet HTML 17Page - Diodes Incorporated ZXLD1371Q Datasheet HTML 18Page - Diodes Incorporated ZXLD1371Q Datasheet HTML 19Page - Diodes Incorporated ZXLD1371Q Datasheet HTML 20Page - Diodes Incorporated ZXLD1371Q Datasheet HTML 21Page - Diodes Incorporated ZXLD1371Q Datasheet HTML 22Page - Diodes Incorporated ZXLD1371Q Datasheet HTML 23Page - Diodes Incorporated ZXLD1371Q Datasheet HTML 24Page - Diodes Incorporated ZXLD1371Q Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
ZXLD1371Q
ZXLD1371Q
Document number: DS37116 Rev. 1 - 2
21 of 42
www.diodes.com
September 2015
© Diodes Incorporated
ZXLD1371Q
Application Information (continued)
b) Boost and Buck-Boost Modes
– the most simple boost/buck-boost circuit is shown in Figure 3
Control in Boost and Buck-boost mode is achieved by sensing the
coil current in the series resistor Rs, connected between the two
inputs of a current monitor within the control loop block. An output
from the control loop drives the input of a comparator which drives
the gate of the external NMOS switch transistor Q1 via the internal
Gate Driver. When the switch is on, the drain voltage of Q1 is near
zero. Current flows from VIN, via Rs, coil and switch to ground.
This current ramps up until an upper threshold value is reached
(see Figure 4). At this point GATE goes low, the switch is turned
off and the drain voltage increases to either:
1)
the load voltage VLEDS plus the forward voltage of D1 in
Boost configuration,
or
2) the load voltage VLEDS plus the forward voltage of D1
plus VIN in Buck-boost configuration.
Current flows via Rs, coil, D1 and LED back to VIN (Buck-boost
mode), or GND (Boost mode). When the coil current has ramped
down to a lower threshold value, GATE goes high, the switch is
turned on again and the cycle of events repeats, resulting in
continuous oscillation.
Figure 3 Boost and Buck-Boost Configuration
The feeback loop adjusts the NMOS switch duty cycle to stabilize
the LED current in response to changes in external conditions,
including input voltage and load voltage. Loop compensation is
achieved by a single external capacitor C2, connected between
SHP and SGND. Note that in reality, a load capacitor COUT is
used, so that the LED current waveform shown is smoothed.
The average current in the sense resistor and coil, IRS, is equal to
the average of the maximum and minimum threshold currents and
the ripple current (hysteresis) is equal to the difference between the
thresholds.
The average current in the LED, ILED, is always less than IRS. The
feedback control loop adjusts the switch duty cycle, D, to achieve a
set point at the sense resistor.
This controls IRS.
During the
interval tOFF, the coil current flows through D1 and the LED load.
During tON, the coil current flows through Q1, not the LEDs.
Therefore the set point is modified by D using a gating function to
control ILED indirectly. In order to compensate internally for the
effect of the gating function, a control factor, GI_ADJ is used.
GI_ADJ is set by a pair of external resistors, RGI1 and RGI2.
(Figure 3.)
This allows the sense voltage to be adjusted to an
optimum level for power efficiency without significant error in the
LED controlled current.
GI ADJ
GI1
GI1
GI2
Equation 2
(Boost and Buck-boost modes)
The control loop sets the duty cycle so that the sense resistor
current is
I S
0.225
S
GI ADJ
1-D
VADJ
V E
Equation 3
(Boost and Buck-boost modes)
Figure 4 Operating Waveforms (Boost and Buck-Boost
Modes)
IRS equals the coil current. The coil is connected only to the switch and the schottky diode. The schottky diode passes the LED current.
Therefore the average LED current is the coil current multiplied by the schottky diode duty cycle, 1-D.
VIN
VAUX
ISM
GATE
FLAG
STATUS
SHP
REF
TADJ
ADJ
PWM
GI
SGND PGND
ZXLD1371
C2
330pF
Q1
D1
L1
Rs
VIN
0.15
Ω
LED1...n
COUT
RGI2
RGI1
Connect cathode of LED(s) to VIN for buck-boost mode or GND for boost mode
GATE
voltage
+11V to
15V typ.
0V
Q1
Drain
voltage
VLEDS + VF (Boost)
VLEDS + VF + VIN (Buck-boost)
0V
Coil
current
0A
IPK
Sense
voltage
VIN - VISM
Mean = 225mV * GI_ADJ / (1-D)
LED
current
tOFF
tON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com