Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1371Q Datasheet(PDF) 22 Page - Diodes Incorporated

Part # ZXLD1371Q
Description  AUTOMOTIVE GRADE 60V HIGH ACCURACY BUCK
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371Q Datasheet(HTML) 22 Page - Diodes Incorporated

Back Button ZXLD1371Q Datasheet HTML 18Page - Diodes Incorporated ZXLD1371Q Datasheet HTML 19Page - Diodes Incorporated ZXLD1371Q Datasheet HTML 20Page - Diodes Incorporated ZXLD1371Q Datasheet HTML 21Page - Diodes Incorporated ZXLD1371Q Datasheet HTML 22Page - Diodes Incorporated ZXLD1371Q Datasheet HTML 23Page - Diodes Incorporated ZXLD1371Q Datasheet HTML 24Page - Diodes Incorporated ZXLD1371Q Datasheet HTML 25Page - Diodes Incorporated ZXLD1371Q Datasheet HTML 26Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
ZXLD1371Q
ZXLD1371Q
Document number: DS37116 Rev. 1 - 2
22 of 42
www.diodes.com
September 2015
© Diodes Incorporated
ZXLD1371Q
Application Information (cont.)
ILED I S 1-D
0.225
S
GI ADJ
VADJ
V E
(Boost and Buck-boost)
Equation 4
This shows that the LED current depends on the ADJ pin voltage, the reference voltage and 3 resistor values (RS, RGI1 and RGI2). It is
independent of the input and output voltages.
If the ADJ pin is connected to the REF pin, this simplifies to
ILED
0.225
S
GI ADJ
(Boost and Buck-boost)
Now ILED is dependent only on the 3 resistor values.
Considering power dissipation and accuracy, it is useful to know how the mean sense voltage varies with input voltage and other
parameters.
V S I S S 0.225
GI ADJ
1-D
VADJ
V E
(Boost and Buck-boost)
Equation 5
This shows that the sense voltage varies with duty cycle in Boost and Buck-boost configurations.
Application Circuit Design
External component selection is driven by the characteristics of the load and the input supply, since this will determine the kind of topology
being used for the system. Component selection begins with the current setting procedure, the inductor/frequency setting and the MOSFET
selection. Finally after selecting the freewheeling diode and the output capacitor (if needed), the application section will cover the PWM
dimming and thermal feedback.
The full procedure is greatly accelerated by the web Calculator spreadsheet, which includes fully
automated component selection, and is available on the Diodes web site. However the full calculation is also given here.
Please note the following particular feature of the web Calculator. The GI ratio can be set for Automatic calculation, or it can be fixed at a
chosen value. When optimizing a design, it is best first to optimize for the chosen voltage range of most interest, using the Automatic
setting. In order to subsequently evaluate performance of the circuit over a wider input voltage range, fix the GI ratio in the Calculator input
field, and then set the desired input voltage range.
Some components depend upon the switching frequency and the duty cycle. The switching frequency is regulated by the ZXLD1371Q to a
large extent, depending upon conditions. This is discussed in a later paragraph dealing with coil selection.
Duty Cycle Calculation and Topology Selection
The duty cycle is a function of the input and output voltages. Approximately, the MOSFET switching duty cycle is
DBUC
VOUT
VI
for Buck
DBOOST
VOUT - VI
VOUT
for Boost
DBB
VOUT
VOUT VI
for Buck-Boost
Equation 6
Because D must always be a positive number less than 1, these equations show that
VOUT < VIN
for Buck (voltage step-down)
VOUT > VIN
for Boost (voltage step-up)
VOUT > or = or < VIN
for Buck-boost (voltage step-down or step-up)
This allows us to select the topology for the required voltage range.
More exact equations are used in the web Calculator. These are:
DBUC
VOUT V
IOUT S COIL
VI
V - VDSO
for Buck
DBOOST
VOUT - VI
II
S
COIL
V
VOUT V - VDSO
for Boost
DBB
VOUT V
II IOUT
S
COIL
VOUT VI
V - VDSO
for Buck-boost
Equation 7
where
VF
= schottky diode forward voltage, estimated for the expected coil current, ICOIL
VDSON
= MOSFET drain source voltage in the ON condition (dependent on RDSON and drain current = ICOIL)
RCOIL
= DC winding resistance of L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com