Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMV32HVNETLX Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PDUMV32HVNETLX
Description  7.4kW Single-Phase Switched PDU with LX Platform Interface, 230V Output, IEC 309 32A Blue, 10 ft. Cord, 0U, TAA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMV32HVNETLX Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PDUMV32HVNETLX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMV32HVNETLX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMV32HVNETLX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
outlets facing the rear for better airflow or equipment access. A 10-foot cord with IEC 309 32A Blue
(2P+E) input plug connects the single-phase PDU to a compatible AC power source, generator or
protected UPS system.
TAA-Compliant for GSA Schedule Purchases
The PDUMV32HVNETLX is compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule
purchases.
2-Year Warranty
The PDUMV32HVNETLX is backed by a 2-year warranty, ensuring reliability and performance.
OVERVIEW
UPC Code
037332202352
PDU Type
Switched
OUTPUT
Output Capacity Details
7.7kW (240V), 7.4kW (230V), 7kW (220V), 6.7kW (208V), 6.4kW (200V) / 32A total capacity; 16A max per
breakered outlet bank; 16A max per C19 outlet; 10A max per C13 outlet
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(20) C13; (4) C19
Output Nominal Voltage
230
Overload Protection
Two 20A circuit breakers protect 12 outlets each
Customized Load Management
Receptacles
Each outlet is individually controllable via remote interface
INPUT
PDU Input Voltage
230
Recommended Electrical Service
32A 230V
Maximum Input Amps
32.0
PDU Plug Type
IEC-309 32A BLUE (2P+E)
Input Cord Length (ft.)
10
Input Cord Length (m)
3.05
Input Phase
Single-Phase
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
Digital display reports output amps in 3 separately metered loading segments (BANK 1: Outlets #1-12; BANK 2:
Outlets #13-24; BANK 3: All outlets combined)
Front Panel LEDs
24 power availability LEDs confirm power off/on status for each built-in outlet
Switches
Pushbutton control scrolls visual load meter display from bank 1, bank 2 and band 1&2 combined
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com