Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMV32HVNETLX Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDUMV32HVNETLX
Description  7.4kW Single-Phase Switched PDU with LX Platform Interface, 230V Output, IEC 309 32A Blue, 10 ft. Cord, 0U, TAA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMV32HVNETLX Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDUMV32HVNETLX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMV32HVNETLX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMV32HVNETLX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
7.4kW Single-Phase Switched PDU with LX
Platform Interface, 230V Output, IEC 309 32A
Blue, 10 ft. Cord, 0U, TAA
MODEL NUMBER: PDUMV32HVNETLX
0U PDU distributes, monitors and manages single-phase power in an IT or industrial environment.
Features
0U PDU Distributes, Monitors and Manages Network-Grade AC Power
Recommended for data centers, server rooms and network closets, this 0U vertical PDU provides
advanced network control and remote power monitoring with the ability to turn on, turn off, reboot or lock
out power to each outlet. You can more efficiently manage network power consumption and properly
balance loads without having to visit the site. Reducing the number of on-site visits can help lower the cost
of data center maintenance.
24 Outlets Dispense Clean Power
During normal operation, 24 individually controllable outlets—20 C13 and four C19—distribute AC power
to connected equipment. Each 230V outlet is accompanied by an LED that illuminates when the outlet is
ramped up and ready to be used. The outlets are split into two load banks, each protected by a circuit
breaker that trips if the bank’s connected load exceeds its maximum load rating. Plug-lock insert sleeves
are included to prevent connected cables from becoming accidentally dislodged.
Digital Load Meter Helps Prevent Potentially Expensive Overloads
A digital ammeter reports the load for each outlet bank separately and the total connected load.
Monitoring amperage helps ensure load levels remain well below maximum capacity with no danger of
overload that could lead to costly downtime or damaged equipment. The firmware can be easily upgraded
to ensure the PDU continues to perform at its best as connected equipment adds new features.
Built-In LX Platform Network Management Card Allows Remote Access 24/7
The built-in Java-free HTML5-based LX Platform network interface enables full remote access for PDU
status monitoring and email notifications via secure web browser, SNMP, telnet or SSH. It supports
10/100 Mbps auto-sensing for optimum communication with an Ethernet network. Optional EnviroSense2
modules (sold separately) provide a variety of environmental monitoring capabilities. Protocols supported
include IPv4, IPv6, HTTP, HTTPS, SMTP, SNMPv1, SNMPv2, SNMPv3, telnet, SSH, FTP, DHCP and
NTP. The 0U PDU can receive IP address assignments via DHCP server (automatic) or static (manual)
method.
Easy to Install Vertically in an EIA-Standard 19 in. Rack
The 0U PDU mounts vertically using the included toolless mounting buttons or the included brackets.
Spare buttons are also included. Use the included PDUMVROTATEBRKT kit to install the PDU with
Highlights
20 C13 and 4 C19 230V outlets
distribute clean power to
connected rack equipment
q
Built-in Java-free HTML5-based
LX Platform interface allows you
24/7 remote access
q
Remote power monitoring and
control reduces on-site visits
and maintenance costs
q
10 ft. power cord with IEC 309
32A Blue (2P+E) input connects
to compatible AC source
q
Digital ammeter for on-site load
monitoring helps prevent power
overloads
q
Applications
Powering a data center with
server racks running mission-
critical applications
q
Monitoring power loads from
various computers, switches,
servers and other networking
equipment
q
Maintaining a computer network
in a commercial or industrial
facility
q
Package Includes
PDUMV32HVNETLX 7.4kW
Single-Phase Switched PDU
q
(24) Plug-lock insert sleeves
q
Rack-mounting hardware
q
Spare mounting buttons
q
PDUMVROTATEBRKT
mounting bracket accessory
q
Owner’s manual
q
1 / 3


Similar Part No. - PDUMV32HVNETLX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMV32HV TRIPPLITE-PDUMV32HV Datasheet
163Kb / 4P
7.4kW Single-Phase Metered PDU, 230V Outlets (8 C19 and 40 C13), IEC-309 32A Blue Input, 10 ft. Cord, 0U Vertical, TAA, 70 in.
More results

Similar Description - PDUMV32HVNETLX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDU3XEVSR6G32B TRIPPLITE-PDU3XEVSR6G32B Datasheet
177Kb / 5P
22.2kW 3-Phase Switched PDU, LX Platform Interface, 220/230V Outlets (24 C13/6 C19), Touchscreen LCD, IEC 309 32A Red 380/400V, 0U, TAA
PDU3XEVSR6G63B TRIPPLITE-PDU3XEVSR6G63B Datasheet
177Kb / 5P
27.7kW 3-Phase Switched PDU, LX Platform Interface, 220/230V Outlets (24 C13/6 C19), Touchscreen LCD, IEC 309 63A Red 380/400V, 0U, TAA
PDUH32HV TRIPPLITE-PDUH32HV Datasheet
160Kb / 3P
7.4kW Single-Phase 230V Basic PDU, 10 C13 Outlets, IEC 309 32A Blue Input, 3.6 m Cord, 1U Rack-Mount
PDUMH32HV TRIPPLITE-PDUMH32HV Datasheet
163Kb / 3P
7.4kW Single-Phase Metered PDU, 230V Outlets (2-C19, 16-C13), IEC-309 230V 32A Blue, 12ft Cord, 2U Rack-Mount, TAA
PDUMH32HVNET TRIPPLITE-PDUMH32HVNET Datasheet
170Kb / 4P
7.4kW Single-Phase Switched PDU, LX Platform Interface, 230V Outlets (16-C13), IEC-309 Blue 230V 32A, 3.6m Cord, 2U Rack-Mount, TAA
PDUMNH32HV TRIPPLITE-PDUMNH32HV Datasheet
167Kb / 4P
7.4kW Single-Phase Monitored PDU with LX Platform Interface, 230V Outlets (12-C13, 4-C19), IEC-309 32A Blue, 12ft Cord, 2U Rack-Mount, TAA
PDUMNV32HV2LX TRIPPLITE-PDUMNV32HV2LX Datasheet
188Kb / 4P
7.4kW Single-Phase Monitored PDU, LX Interface, 230V Outlets (36 C13/6 C19), IEC 309 32A Blue, 10 ft. Cord, 0U 1.8m/70 in. Height, TAA
PDUMV32HV TRIPPLITE-PDUMV32HV Datasheet
163Kb / 4P
7.4kW Single-Phase Metered PDU, 230V Outlets (8 C19 and 40 C13), IEC-309 32A Blue Input, 10 ft. Cord, 0U Vertical, TAA, 70 in.
PDUMV15NETLX TRIPPLITE-PDUMV15NETLX Datasheet
177Kb / 4P
1.4kW Single-Phase Switched PDU with LX Platform Interface, 120V Outlets (16 5-15R), 10 ft. Cord with 5-15P, 0U, TAA
PDUMV30NETLX TRIPPLITE-PDUMV30NETLX Datasheet
184Kb / 4P
2.9kW Single-Phase Switched PDU with LX Platform Interface, 120V Outlets (24 5-15/20R), 10 ft. Cord with L5-30P, 0U, TAA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com