Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCA9306G-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UCA9306G-S08-R
Description  DUAL BIDIRECTIONAL I2C BUS SMBUS VOLTAGE-LEVEL TRANSLATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCA9306G-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UCA9306G-S08-R Datasheet HTML 1Page - Unisonic Technologies UCA9306G-S08-R Datasheet HTML 2Page - Unisonic Technologies UCA9306G-S08-R Datasheet HTML 3Page - Unisonic Technologies UCA9306G-S08-R Datasheet HTML 4Page - Unisonic Technologies UCA9306G-S08-R Datasheet HTML 5Page - Unisonic Technologies UCA9306G-S08-R Datasheet HTML 6Page - Unisonic Technologies UCA9306G-S08-R Datasheet HTML 7Page - Unisonic Technologies UCA9306G-S08-R Datasheet HTML 8Page - Unisonic Technologies UCA9306G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
UCA9306
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R140-004.b
APPLICATION INFORMATION
General Applications of I
2C
As with the standard I
2C system ,pull up resistors are required to provide the logic-high levels on the translator
bus .The size of these pull up resistors depends on the system , but each side of the repeater must have a pull up
resistor. The device is designed to work with standard-mode and fast-mode I
2C devices, in addition to SMBus
devices . Standard-mode I
2C devices only specify 3 mA in a generic I2C system where standard-mode devices and
multiple masters are possible. Under certain conditions, high termination currents can be used. When the SDA1 or
SDA2 port is low, the clamp is in the ON state , and a low-resistance connection exists between the SDA1 and SDA2
ports . Assuming the higher voltage is on the SDA2 port when the SDA2 port is high , the voltage on the SDA1 port
is limited to the voltage set by VREF1 . When the SDA1 port is high, the SDA2 port is pulled to the pull up supply
voltage of the drain (VDPU) by the pull up resistors. This functionality allows a seamless translation between higher
and lower voltages selected by the user , without the need for directional control . The SCL1-SCL2 channel also
functions in the same way as the SDA1-SDA2 channel.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com