Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCA9306G-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UCA9306G-S08-R
Description  DUAL BIDIRECTIONAL I2C BUS SMBUS VOLTAGE-LEVEL TRANSLATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCA9306G-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UCA9306G-S08-R Datasheet HTML 1Page - Unisonic Technologies UCA9306G-S08-R Datasheet HTML 2Page - Unisonic Technologies UCA9306G-S08-R Datasheet HTML 3Page - Unisonic Technologies UCA9306G-S08-R Datasheet HTML 4Page - Unisonic Technologies UCA9306G-S08-R Datasheet HTML 5Page - Unisonic Technologies UCA9306G-S08-R Datasheet HTML 6Page - Unisonic Technologies UCA9306G-S08-R Datasheet HTML 7Page - Unisonic Technologies UCA9306G-S08-R Datasheet HTML 8Page - Unisonic Technologies UCA9306G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UCA9306
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R140-004.b
TYPICAL APPLICATION CIRCUIT
I2C bus
Master
(processor)
I2C slave device
UCA9306
SCL1
SDA1
SCL2
SDA2
VREF1
VREF2
EN
VCC
VREF1=1.8V
RPU
RPU
GND
GND
GND
VCC
VDPU=3.3V
200KΩ
Typical Application Circuit (Switch Always Enabled)
The applied voltages at VREF1 and VDPU should be such that VREF2 is at least 1 V higher than VREF1 for best
translator operation.
I2C bus
Master
(processor)
I2C slave device
UCA9306
SCL1
SDA1
SCL2
SDA2
VREF1
VREF2
EN
VCC
VREF1=1.8V
GND
GND
GND
VCC
VDPU=3.3V
200KΩ
Off
On
3.3V EN Signal
RPU
RPU
Typical Application Circuit (Switch Enable Control)
In the enabled mode, the applied enable voltage and the applied voltage at VREF1 should be such that VREF2 is at
least 1 V higher than VREF1 for best translator operation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com