Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULN2008L-S16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # ULN2008L-S16-R
Description  DRIVER CIRCUIT SPECIAL PURPOSE FOR MICROWAVE OVEN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2008L-S16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  ULN2008L-S16-R Datasheet HTML 1Page - Unisonic Technologies ULN2008L-S16-R Datasheet HTML 2Page - Unisonic Technologies ULN2008L-S16-R Datasheet HTML 3Page - Unisonic Technologies ULN2008L-S16-R Datasheet HTML 4Page - Unisonic Technologies ULN2008L-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ULN2008
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R140-007.b
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
Y
Switch of C4/C5/C6
2
DOOR
Signal of door
3
Cap1
Signal input terminal
4
B6
Relay drive Input 6
5
B5
Relay drive Input 5
6
B1
Relay drive Input 1
7
BUZ
Buzzer drive input
8
GND
Ground
9
VDD
Supply power
10
BUZZER
Buzzer drive output
11
C1
Relay drive output 1
12
C3
Relay drive output 3
13
C5
Relay drive output 5
14
C6
Relay drive output 6
15
+5V
5V power supply
16
Cap2
Connect capacitor for signal rectification



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com