Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULN2008L-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ULN2008L-S16-R
Description  DRIVER CIRCUIT SPECIAL PURPOSE FOR MICROWAVE OVEN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2008L-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  ULN2008L-S16-R Datasheet HTML 1Page - Unisonic Technologies ULN2008L-S16-R Datasheet HTML 2Page - Unisonic Technologies ULN2008L-S16-R Datasheet HTML 3Page - Unisonic Technologies ULN2008L-S16-R Datasheet HTML 4Page - Unisonic Technologies ULN2008L-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ULN2008
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R140-007.b
DRIVER CIRCUIT SPECIAL
PURPOSE FOR MICROWAVE
OVEN
DESCRIPTION
UTC ULN2008 include 1ch condenser buzzer driver, 4ch relay
driver, safety circuit and gate signal detection circuit. The 4ch relay
driver include: 1ch independent Darlington Transistor driver, 1ch
main relay driver, 2ch relay driver controlled by safety circuit.
Current capability of each channel driver is 100mA. Output clamp
diode is inserted in each channel to drive inductive load.
FEATURES
* Output current (single output): 100mA (MAX.)
* High sustaining voltage output: 50V (MIN.)
* Output clamp diodes
* TTL/CMOS logic level is compatible.
SOP-16
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
ULN2008L-S16-R
ULN2008G-S16-R
SOP-16
Tape Reel
MARKING


Similar Part No. - ULN2008L-S16-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ULN2000 STMICROELECTRONICS-ULN2000 Datasheet
240Kb / 8P
SEVEN DARLINGTON ARRAYS
ULN2001 STMICROELECTRONICS-ULN2001 Datasheet
326Kb / 8P
SEVEN DARLINGTON ARRAYS
Feb-2002
logo
Texas Instruments
ULN2001 TI-ULN2001 Datasheet
513Kb / 19P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Toshiba Semiconductor
ULN2001 TOSHIBA-ULN2001 Datasheet
374Kb / 11P
7CH DARLINGTON SINK DRIVER
logo
List of Unclassifed Man...
ULN2001 ETC1-ULN2001 Datasheet
749Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
More results

Similar Description - ULN2008L-S16-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GHV-10SL ETC1-GHV-10SL Datasheet
166Kb / 3P
FOR TV / MICROWAVE OVEN
logo
Frontier Electronics.
HV03-08 FRONTIER-HV03-08 Datasheet
119Kb / 2P
HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
HV03-08-LFR FRONTIER-HV03-08-LFR Datasheet
119Kb / 2P
HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
HV05-08 FRONTIER-HV05-08 Datasheet
119Kb / 2P
HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
HV6X2P1 FRONTIER-HV6X2P1 Datasheet
112Kb / 1P
SHORT PROTECTOR FOR MICROWAVE OVEN
logo
Unisonic Technologies
ULN2010 UTC-ULN2010 Datasheet
200Kb / 5P
DRIVER CIRCUIT SPECIAL PURPOSE FOR MICROWAVE OVEN
logo
Shenzhen Putianhe Techn...
TM1721 PTH-TM1721 Datasheet
729Kb / 23P
LCD Driver control special circuit
TM1726 PTH-TM1726 Datasheet
340Kb / 14P
LCD Driver control special circuit
logo
QX Micro Devices Co.,Lt...
QX5237 QXMD-QX5237 Datasheet
138Kb / 2P
Special driver for LED flashlight
logo
Sanken electric
GHV SANKEN-GHV Datasheet
340Kb / 3P
TV/Microwave Oven
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com