Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULN2001L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # ULN2001L-S08-R
Description  3CH DARLINGTON SINK DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2001L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  ULN2001L-S08-R Datasheet HTML 1Page - Unisonic Technologies ULN2001L-S08-R Datasheet HTML 2Page - Unisonic Technologies ULN2001L-S08-R Datasheet HTML 3Page - Unisonic Technologies ULN2001L-S08-R Datasheet HTML 4Page - Unisonic Technologies ULN2001L-S08-R Datasheet HTML 5Page - Unisonic Technologies ULN2001L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ULN2001
Preliminary
INEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R113-021.a
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Emitter Voltage
VCE
50
V
Clamp Diode Reverse Voltage
VCOM
50
V
Input Voltage
VI
30
V
Input Voltage
VCOMMON
50
V
Peak Collector Current
ICP
500
mA/ch
Output Clamp Current
IF
500
mA
DIP-8
0.750
W
Power Dissipation
SOP-8
PD
0.625
W
Junction Temperature
TJ
+125
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Output Sustaining Voltage
VCE(SUS)
0
50
V
Output Current
IOUT
TA=+85°C
350 mA/ch
Input Voltage
VIN
0
12
V
Input Voltage (Output On)
VIN (ON)
IOUT=350mA
2.8
12
V
Input Voltage (Output Off)
VIN (OFF)
0
0.7
V
Clamp Diode Reverse Voltage
VR
50
V
Clamp Diode Forward Current
IF
350
mA
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
DIP-8
133
°С/W
Junction to Ambient
SOP-8
θJA
160
°С/W
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST
CIRCUIT
TEST CONDITIONS
MIN TYP MAX UNIT
IC=100mA
2.1
2.5
V
IC=200mA
2.2
2.6
V
Input Voltage (Output On)
II(ON)
2
VCE=1.5V
IC=350mA
2.3
2.7
V
IC=100mA
1.1
V
IC=200mA
1.2
V
Collector-Emitter Saturation Voltage VCE(SAT)
3
VI=2.4V
(II>250μA)
IC=350mA
1.3
V
VI=12V
6.5
mA
VI=6V
3.0
mA
VI=4.5V
2.1
mA
Input Current
II
2
IO=350mA
VI=2.4V
0.9
mA
Clamp Diode Forward Voltage
VF
5
IF=350mA
2.0
V
Output Leakage Current
ICEX
1
VCE=50V, II=0
50
μA
Clamp Diode Reverse Current
IR
4
VR=50V
50
μA
Propagation Delay Time,
Low- to High
tPLH
6
VL=12V, RL=120Ω
0.15
1
μs
Propagation Delay Time,
High - to Low
tPHL
6
VL=12V, RL=120Ω
0.15
1
μs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com