Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULN2001L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ULN2001L-S08-R
Description  3CH DARLINGTON SINK DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2001L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  ULN2001L-S08-R Datasheet HTML 1Page - Unisonic Technologies ULN2001L-S08-R Datasheet HTML 2Page - Unisonic Technologies ULN2001L-S08-R Datasheet HTML 3Page - Unisonic Technologies ULN2001L-S08-R Datasheet HTML 4Page - Unisonic Technologies ULN2001L-S08-R Datasheet HTML 5Page - Unisonic Technologies ULN2001L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ULN2001
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R113-021.a
3CH DARLINGTON SINK
DRIVER
DESCRIPTION
The UTC ULN2001 is high-voltage, high-current darlington
transistor arrays. Each consists of three NPN darlington pairs that
feature high-voltage outputs with common-cathode clamp diodes
for switching inductive loads. The collector-current rating of a single
darlington pair is 500mA. All units feature integral clamp diodes for
switching inductive loads.
Applications include relay, hammer, lamp and display (LED)
drivers.
The UTC ULN2001 has a 2.7kΩ series base resistor for each
darlington pair for operation directly with TTL or 5V CMOS devices.
FEATURES
* Output Current (Single Output): 500mA max
* High Sustaining Voltage Output: 50V min
* Inputs Compatible with Various Types of Logic
* Output Clamp Diodes
* Relay-Driver Applications
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
ULN2001L-D08-T
ULN2001G-D08-T
DIP-8
Tube
ULN2001L-S08-R
ULN2001G-S08-R
SOP-8
Tape Reel
MARKING
DIP-8
SOP-8


Similar Part No. - ULN2001L-S08-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULN2001L ETC1-ULN2001L Datasheet
749Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Unisonic Technologies
ULN2001LC UTC-ULN2001LC Datasheet
221Kb / 6P
3CH DARLINGTON SINK DRIVER
ULN2001LCG-D08-T UTC-ULN2001LCG-D08-T Datasheet
221Kb / 6P
3CH DARLINGTON SINK DRIVER
ULN2001LCG-S08-R UTC-ULN2001LCG-S08-R Datasheet
221Kb / 6P
3CH DARLINGTON SINK DRIVER
ULN2001LCL-D08-T UTC-ULN2001LCL-D08-T Datasheet
221Kb / 6P
3CH DARLINGTON SINK DRIVER
More results

Similar Description - ULN2001L-S08-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62001 TOSHIBA-TD62001 Datasheet
339Kb / 13P
7CH DARLINGTON SINK DRIVER
TD62001P TOSHIBA-TD62001P Datasheet
467Kb / 12P
7CH DARLINGTON SINK DRIVER
TD62003PA TOSHIBA-TD62003PA Datasheet
277Kb / 9P
7CH DARLINGTON SINK DRIVER
TD62101P TOSHIBA-TD62101P Datasheet
317Kb / 8P
7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2004 UTC-ULN2004 Datasheet
206Kb / 8P
7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2004 UTC-ULN2004_15 Datasheet
280Kb / 9P
7CH DARLINGTON SINK DRIVER
ULN2001LC UTC-ULN2001LC Datasheet
221Kb / 6P
3CH DARLINGTON SINK DRIVER
ULN2003 UTC-ULN2003_17 Datasheet
492Kb / 10P
7CH DARLINGTON SINK DRIVER
logo
ARTSCHIP ELECTRONICS CO...
ULN2803 ARTSCHIP-ULN2803 Datasheet
343Kb / 8P
8CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com