Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULN2010G-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # ULN2010G-S16-R
Description  DRIVER CIRCUIT SPECIAL PURPOSE FOR MICROWAVE OVEN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2010G-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  ULN2010G-S16-R Datasheet HTML 1Page - Unisonic Technologies ULN2010G-S16-R Datasheet HTML 2Page - Unisonic Technologies ULN2010G-S16-R Datasheet HTML 3Page - Unisonic Technologies ULN2010G-S16-R Datasheet HTML 4Page - Unisonic Technologies ULN2010G-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ULN2010
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R140-008.c
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
VDD Supply
VDD
50
V
Input Terminal Voltage
VI
30
V
Driver Output Sustaining Voltage
VCE
50
V
Peak Current Of Each Collector Output
ICP
100
mA
Clamp Diode Forward Peak Current
IOK
100
mA
TA=25°C
1.5
W
Power Dissipation
TA=85°C
PD
0.8
W
Operating Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Sustaining Voltage
VCE (SUS)
0
50
V
Output Current
IOUT
TA=85°C
100
mA/ch
Clamp Diode Reverse Voltage
VR
50
V
Clamp Diode Forward Current
IF
70
mA
Input Voltage
VIN
0
12
V
Input Voltage (Output On)
VIN (ON)
IOUT=100mA
5
12
V
Input Voltage (Output Off)
VIN (OFF)
0
0.7
V
Operating Thermal Range
TA
-40
+85
°C
Junction Temperature
TJ
-40
+125
°C
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BUZ
2.5
Input Current
II
VI=5V, IC=60mA
B4/B5/B6
1.9
mA
VI=5V, IC=100mA
BUZZER
0.9
VI=5V, IC=100mA
C3
1.03
VI=5V, IC=80mA
1.3
Collector−Emitter Saturation
Voltage
VCE(SAT)
VI=5V, IC=100mA
C4/C5/C6
1.7
V
Clamp Diode Forward Voltage
VF
IF=70mA
1.0
1.4
V
Leak Current Of Collector (Off)
IC_OFF
VCE=50V, II=0
50
μA
Output Sustaining Voltage
VCE
VCE=50V, II=0
50
V
Clamp Diode Reverse Voltage
IR
VR=50V
50
V
Clamp Diode Reverse Current
IR
VR=50V
50
μA
Gate Signal Output High Level
VHDOOR
4.5
V
Gate Signal Output Low Level
VLDOOR
1.0
V
Cap2 Terminal Output Level
VCap2
Cap2: 10uF cap to GND,
Cap1: 2kHz, 50% duty square
wave input Via 1uF cap
2.5
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com