Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULN2010G-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ULN2010G-S16-R
Description  DRIVER CIRCUIT SPECIAL PURPOSE FOR MICROWAVE OVEN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2010G-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  ULN2010G-S16-R Datasheet HTML 1Page - Unisonic Technologies ULN2010G-S16-R Datasheet HTML 2Page - Unisonic Technologies ULN2010G-S16-R Datasheet HTML 3Page - Unisonic Technologies ULN2010G-S16-R Datasheet HTML 4Page - Unisonic Technologies ULN2010G-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ULN2010
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R140-008.c
DRIVER CIRCUIT SPECIAL
PURPOSE FOR MICROWAVE
OVEN
DESCRIPTION
UTC ULN2010 include 1ch condenser buzzer driver, 4ch relay
driver, safety circuit and gate signal detection circuit. The 4ch relay
driver include: 1ch main relay driver, 3ch relay driver controlled by
safety circuit. Current capability of each channel driver is 100mA.
Output clamp diode is inserted in each channel to drive inductive
load.
FEATURES
* Output current (single output): 100mA (MAX.)
* High sustaining voltage output: 50V (MIN.)
* Output clamp diodes
* TTL/CMOS logic level is compatible.
SOP-16
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
ULN2010L-S16-R
ULN2010G-S16-R
SOP-16
Tape Reel
MARKING


Similar Part No. - ULN2010G-S16-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULN2011 ETC1-ULN2011 Datasheet
749Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
ULN2011A ETC1-ULN2011A Datasheet
749Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
ULN2011L ETC1-ULN2011L Datasheet
749Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
ULN2012 ETC1-ULN2012 Datasheet
749Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Unisonic Technologies
ULN2012 UTC-ULN2012 Datasheet
186Kb / 6P
HIGH VOLTAGE HIGH CURRENT DARLINGTON ARRAY
More results

Similar Description - ULN2010G-S16-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GHV-10SL ETC1-GHV-10SL Datasheet
166Kb / 3P
FOR TV / MICROWAVE OVEN
logo
Frontier Electronics.
HV03-08 FRONTIER-HV03-08 Datasheet
119Kb / 2P
HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
HV03-08-LFR FRONTIER-HV03-08-LFR Datasheet
119Kb / 2P
HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
HV05-08 FRONTIER-HV05-08 Datasheet
119Kb / 2P
HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
HV6X2P1 FRONTIER-HV6X2P1 Datasheet
112Kb / 1P
SHORT PROTECTOR FOR MICROWAVE OVEN
logo
Unisonic Technologies
ULN2008 UTC-ULN2008 Datasheet
197Kb / 5P
DRIVER CIRCUIT SPECIAL PURPOSE FOR MICROWAVE OVEN
logo
Shenzhen Putianhe Techn...
TM1721 PTH-TM1721 Datasheet
729Kb / 23P
LCD Driver control special circuit
TM1726 PTH-TM1726 Datasheet
340Kb / 14P
LCD Driver control special circuit
logo
QX Micro Devices Co.,Lt...
QX5237 QXMD-QX5237 Datasheet
138Kb / 2P
Special driver for LED flashlight
logo
Sanken electric
GHV SANKEN-GHV Datasheet
340Kb / 3P
TV/Microwave Oven
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com