Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3221G-R16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT3221G-R16-R
Description  LINE DRIVER/RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3221G-R16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT3221G-R16-R Datasheet HTML 1Page - Unisonic Technologies UT3221G-R16-R Datasheet HTML 2Page - Unisonic Technologies UT3221G-R16-R Datasheet HTML 3Page - Unisonic Technologies UT3221G-R16-R Datasheet HTML 4Page - Unisonic Technologies UT3221G-R16-R Datasheet HTML 5Page - Unisonic Technologies UT3221G-R16-R Datasheet HTML 6Page - Unisonic Technologies UT3221G-R16-R Datasheet HTML 7Page - Unisonic Technologies UT3221G-R16-R Datasheet HTML 8Page - Unisonic Technologies UT3221G-R16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UT3221/E
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R103-128.C
MARKING
UT3221
UT3221E
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
UT3221
UT3221E
PIN NAME
DESCRIPTION
1
1
EN
Receiver Enable Control. Drive low for normal operation. Drive high to
force the receiver output (R_OUT) into a high-impedance state.
2
2
C1+
Positive terminal of the voltage doubler charge-pump capacitor.
3
3
V+
+5.5V generated by the charge pump.
4
4
C1-
Negative terminal of the voltage doubler charge-pump capacitor.
5
5
C2+
Positive terminal of inverting charge-pump capacitor.
6
6
C2-
Negative terminal of inverting charge-pump capacitor.
7
7
V-
-5.5V generated by the charge pump.
8
8
R1IN
RS-232 Receiver 1 Input.
9
9
R1OUT
TTL/CMOS Receiver 1 Output.
10
-
INVALID
Output of the valid signal detector. Indicates if a valid RS-232 level is
present on receiver input logic “1”.
11
11
T1IN
TTL/CMOS Transmitter 1 Input.
12
-
FORCEON
Drive high to override automatic circuitry keeping transmitter on
( FORCEOFF must be high) (Table 2).
13
13
T1OUT
RS-232 Transmitter 1 Output.
14
14
GND
Ground.
15
15
VCC
+3.0V ~ +5.5V Supply Voltage.
16
-
FORCEOFF
Drive low to shut down transmitter and on-board power supply. This
over-rides all automatic circuitry and FORCEON (Table 2).
-
10, 12
NC
No connect
-
16
FORCEOFF
Shut off Pump Power and Transmitters. Active low.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com