Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3221G-R16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT3221G-R16-R
Description  LINE DRIVER/RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3221G-R16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT3221G-R16-R Datasheet HTML 1Page - Unisonic Technologies UT3221G-R16-R Datasheet HTML 2Page - Unisonic Technologies UT3221G-R16-R Datasheet HTML 3Page - Unisonic Technologies UT3221G-R16-R Datasheet HTML 4Page - Unisonic Technologies UT3221G-R16-R Datasheet HTML 5Page - Unisonic Technologies UT3221G-R16-R Datasheet HTML 6Page - Unisonic Technologies UT3221G-R16-R Datasheet HTML 7Page - Unisonic Technologies UT3221G-R16-R Datasheet HTML 8Page - Unisonic Technologies UT3221G-R16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT3221/E
CMOS IC
www.unisonic.com.tw
1 of 10
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R103-128.C
+3.0V TO +5.5V POWER
SUPPLY, 250KBPS,
MULTICHANNAEL RS-232
LINE DRIVER/RECEIVER
DESCRIPTION
The UTC UT3221/E consists of 1 driver and 1 receiver. It meets
ElA/TIA-232 and V.28/V.24 specifications, it intended for notebook
computer applications. A high-efficiency, dual charge-pumps power
supply and a low-dropout transmitter combine to deliver true
RS-232 performance from a single +3.0V~+5.5V power supply. A
guaranteed data rate of 250kbps provides compatibility with
popular software for communicating with PCs.
The UTC UT3221/E achieves 1µA supply current in shutdown
condition. When the UT3221/E doesn’t detect a valid signal level
on its receiver input, the on-board power supply and driver will
shutdown, and when a valid level is applied to RS-232 receiver
input, then the system turns on again. Therefore, the system saves
power without changes to the existing BIOS or operating system.
The UTC UT3221/E requires only 0.1µF capacitors in 3.3V
operation, and can operate from input voltages ranging from +3.0V
~+5.5V. It is ideal for 3.3V-only systems, 5.0V-only systems, or
mixed 3.3V and 5.0V systems that require true RS-232
performance.
FEATURES
* Operates With 3.0V to 5.5V Power Supply
* One Driver and One Receiver
* Operates Up To 250 kbps
* Designed to Transmit at a Data Rate of 250 kbps
* Low Standby Current (1µA Typical)
* External Capacitors (4*0.1µF)
* Accepts 5.0V Logic Input With 3.3V Supply
* Serial-Mouse Drivability
* Exceeds ±8KV ESD Protection(HBM) for RS-232 I/O Pins
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UT3221L-R16-R
UT3221G-R16-R
SSOP-16
Tape Reel
UT3221L-P16-R
UT3221G-P16-R
TSSOP-16
Tape Reel
UT3221EL-R16-T
UT3221EG-R16-T
SSOP-16
Tape Reel
UT3221EL-P16-T
UT3221EG-P16-T
TSSOP-16
Tape Reel


Similar Part No. - UT3221G-R16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3222 UTC-UT3222 Datasheet
227Kb / 7P
3V TO 5.5V MULTICHANNEL RS-232 LINE TRANSCEIVERS WITH 짹15kV ESD PROTECTION
UT3222 UTC-UT3222 Datasheet
213Kb / 7P
EXTERNAL CAPACITORS
UT3222G-P20-R UTC-UT3222G-P20-R Datasheet
227Kb / 7P
3V TO 5.5V MULTICHANNEL RS-232 LINE TRANSCEIVERS WITH 짹15kV ESD PROTECTION
UT3222G-P20-R UTC-UT3222G-P20-R Datasheet
220Kb / 7P
LOW POWER MULTI CHANNEL
UT3222G-P20-R UTC-UT3222G-P20-R Datasheet
213Kb / 7P
EXTERNAL CAPACITORS
More results

Similar Description - UT3221G-R16-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6401B NJRC-NJU6401B Datasheet
223Kb / 7P
RS232C LINE DRIVER/RECEIVER
NJU6402B NJRC-NJU6402B Datasheet
222Kb / 7P
RS232C LINE DRIVER/RECEIVER?
logo
Texas Instruments
SN751730 TI-SN751730 Datasheet
127Kb / 8P
TRIPLE LINE DRIVER/RECEIVER
logo
System Logic Semiconduc...
SL75232 SLS-SL75232 Datasheet
46Kb / 5P
Line Driver / Receiver
logo
Elantec Semiconductor
EL1501C ELANTEC-EL1501C Datasheet
139Kb / 2P
Differential Line Driver/Receiver
logo
Microsemi Corporation
TSC396 MICROSEMI-TSC396 Datasheet
1Mb / 6P
Line Driver/Receiver
logo
Texas Instruments
SN751701 TI-SN751701 Datasheet
237Kb / 14P
LINE DRIVER AND RECEIVER
SN751701PSRG4 TI-SN751701PSRG4 Datasheet
395Kb / 16P
LINE DRIVER AND RECEIVER
logo
Analog Devices
ADM3232E AD-ADM3232E_15 Datasheet
232Kb / 12P
Line Driver/Receiver
REV. B
logo
Texas Instruments
SN75155 TI1-SN75155_14 Datasheet
479Kb / 17P
LINE DRIVER AND RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com