Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3221L-P16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UT3221L-P16-R
Description  LINE DRIVER/RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3221L-P16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UT3221L-P16-R Datasheet HTML 1Page - Unisonic Technologies UT3221L-P16-R Datasheet HTML 2Page - Unisonic Technologies UT3221L-P16-R Datasheet HTML 3Page - Unisonic Technologies UT3221L-P16-R Datasheet HTML 4Page - Unisonic Technologies UT3221L-P16-R Datasheet HTML 5Page - Unisonic Technologies UT3221L-P16-R Datasheet HTML 6Page - Unisonic Technologies UT3221L-P16-R Datasheet HTML 7Page - Unisonic Technologies UT3221L-P16-R Datasheet HTML 8Page - Unisonic Technologies UT3221L-P16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
UT3221/E
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R103-128.C
ELECTRICAL CHARACTERISTICS (Cont.)
(VCC=+3.0V~+5.5V, C1~C4=0.1µF (Note 2), TA = TMIN to TMAX, Unless Otherwise Specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
High
tINVH
1.0
µs
Receiver Positive or
Negative Threshold to
INVALID
Low
tINVL
Fig.2
30
µs
RECEIVER INPUT
Input Voltage Range
VRR
-25
25
V
VCC=3.3V
0.6
1.2
Input Threshold Low
VRINL
TA=25°C
VCC=5.0V
0.8
1.5
V
VCC=3.3V
1.5
2.4
Input Threshold High
VRINH
TA=25°C
VCC=5.0V
1.8
2.4
V
Input Hysteresis
VRINHYS
0.5
V
Input Resistance
VRINRES TA=25°C
3
5
7
kΩ
TRANSMITTER OUTPUT
Output Voltage Swing
VTOUTSW
The transmitter output loaded with 3kΩ to
ground
±5.0
±5.4
V
Output Resistance
VTOUTRES
VCC= V+=V-=0V,
Transmitter output=±2V
300
10M
Ω
Output Short-Circuit Current
ITSC
±35
±60
mA
Output Leakage Current
ITOUT(LK)
VCC=3.0V~5.0V, VOUT=±12V,
Transmitter disabled
±25
µA
TIMING CHARACTERISTICS
Maximum Data Rate
DR
RL=3kΩ, CL=1000pF, one transmitter
switching
250
kbps
tPHL
0.15
Receiver Propagation Delay
tPLH
Receiver
input
to
receiver
output,
CL=150pF
0.15
µs
Enable
tR(EN)
200
ns
Receiver Output Time
Disable
tR(DIS)
Normal operation
200
ns
Transmitter Skew
tTS
|tPHL – tPLH|
100
ns
Receiver Skew
tRS
|tPHL – tPLH|
50
ns
Transition-Region Slew Rate
SR
VCC=3.3V, TA=25°C,
RL=3kΩ~7kΩ,
measured from +3V
~ -3V or -3V~+3V
CL=150pF~1000pF
4
35
V/µs
Notes: 1. Typical values are at TA=25°C.
2. C1~C4=0.1µF, measured at 3.3V±10%. C1=0.047µF, C2~C4=0.33µF, measured at 5.0V ±10%.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com