Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3221L-P16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UT3221L-P16-R
Description  LINE DRIVER/RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3221L-P16-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UT3221L-P16-R Datasheet HTML 2Page - Unisonic Technologies UT3221L-P16-R Datasheet HTML 3Page - Unisonic Technologies UT3221L-P16-R Datasheet HTML 4Page - Unisonic Technologies UT3221L-P16-R Datasheet HTML 5Page - Unisonic Technologies UT3221L-P16-R Datasheet HTML 6Page - Unisonic Technologies UT3221L-P16-R Datasheet HTML 7Page - Unisonic Technologies UT3221L-P16-R Datasheet HTML 8Page - Unisonic Technologies UT3221L-P16-R Datasheet HTML 9Page - Unisonic Technologies UT3221L-P16-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
UT3221/E
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R103-128.C
DETAILED DESCRIPTION
Charge-Pump Voltage Converter
The UTC UT3221/E consists of a regulated dual charge pumps that provide output voltages of +5.5V and -5.5V,
regardless of the input voltage (VCC) changing from +3.0V to +5.5V.
The charge pumps operate in a discontinuous mode: if the output voltages are less than 5.5V, the charge pumps
are enabled; if the output voltages exceed 5.5V, the charge pumps are disabled.
Each charge pump requires a flying capacitor (C1, C2) and a reservoir capacitor (C3, C4) to generate the V+ and
V- supplies, refer to application circuit.
RS-232 Transmitter
UTC UT3221/E’s transmitter is inverting level translators that convert CMOS-logic levels to 5.0V EIA/TIA-232
levels. They guarantee a 250kbps data rate with worst-case loads of 3kΩ in parallel with 1000pF, providing
compatibility with PC-to-PC communication software.
Transmitter can be paralleled to drive multiple receiver or mouse. When FORCEOFF is driven to ground, or
shutdown circuitry senses invalid voltage levels at the receiver input, the transmitter is disabled and the output is
forced into a high-impedance state.
RS-232 Receiver
The UTC UT3221/E’s receiver convert RS-232 signals to CMOS-logic output levels. The receiver has one
inverting three-state output. In shutdown or in autoshutdown, the UT3221/E’s receiver is active. Drive EN high to
place the receiver in a high-impedance state.
Table 1. EN Control Truth Table
EN
R_OUT
0
Active
1
High-Z
Shutdown Function(UT3221E)
Supply current falls to less than 1μA in shutdown mode ( FORCEOFF = GND). When shutdown, the device’s
charge pumps are shut off, V+ is pulled down to VCC, V- is pulled to ground, and the transmitter outputs are
disabled (high impedance). Connect FORCEOFF to VCC if shutdown mode is not used. FORCEOFF has no effect
on R_OUT.
Shutdown Function(UT3221)
A 1µA supply current is achieved with shutdown feature, which operates when FORCEON is low and
FORCEOFF is high. When the UTC UT3221 senses no valid signal levels on the receiver input for 30µs, the
on-board power supply and driver is shut off, reducing supply current to 1µA. This occurs if the RS-232 cable is
disconnected or the connected peripheral transmitter is turned off. The system turns on again when a valid level is
applied to RS-232 receiver input. As a result, the system saves power without changes to the existing BIOS or
operating system. INVALID indicates the receiver input’ condition, when using shutdown function, the INVALID
output is high when the device is on and low when the device is shut down.
Table 2. Shutdown Logic Control Truth Table
OPERATION STATUS
FORCEOFF
INPUT
FORCEON
INPUT
INVALID
OUTPUT
T_OUT
Normal Operation (Forced On)
H
H
X
Active
Normal Operation (AutoShutdown)
H
L
H
Active
Normal Operation (AutoShutdown)
H
L
L
High-Z
Shutdown (Forced Off)
L
X
X
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com