Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU6043BL-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UU6043BL-S08-R
Description  FLASHER IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU6043BL-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UU6043BL-S08-R Datasheet HTML 1Page - Unisonic Technologies UU6043BL-S08-R Datasheet HTML 2Page - Unisonic Technologies UU6043BL-S08-R Datasheet HTML 3Page - Unisonic Technologies UU6043BL-S08-R Datasheet HTML 4Page - Unisonic Technologies UU6043BL-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UU6043B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R121-024.E
ABSOLUTE MAXIMUM RATING
Reference point Pin 1
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
Pin 2 and 6
VS
16.5
V
tP= 0.1 ms
Pin 2 and 6
1.5
A
tP= 300 ms
Pin 2 and 6
1.0
A
Surge Forward Current
tP = 300 ms
Pin 8
IFSM
50
mA
Output Current
Pin 3
IO
0.3
A
TA=95°C
340
mW
Power Dissipation
TA=60°C
PD
560
mW
Ambient Temperature Range
TA
-40~+95
°C
Junction Temperature Range
TJ
150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
DIP-8
110
Junction to Ambient (Note)
SOP-8
θJA
160
°C/W
ELECTRICAL CHARACTERISTICS
Typical values under normal operation in application circuit (see Figure 1), VS (+49, Pin 2 and 6)=12V. Reference
point ground (-31), TA=25°C, unless otherwise specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage Range
VS
Pin 2 and 6
9
15
V
Dark phase, Pin 2 and 6
4.5
8
mA
Supply Current
IS
Bright phase, Pin 2 and 6
7.0
11
mA
VO
1.0
V
Relay Control Output:
Saturation Voltage Reverse Current
IO
Pin 3
IO=150mA, VS=9V
0.1
mA
Start Delay (Delay Time)
ton
First bright phase
10
ms
Frequency Tolerance
∆f1
Normal flashing
-5
+5
%
∆f1
Basic frequency f1
60
%
Bright Period
∆f2
Control frequency f2
46
%
Frequency Increase
f2
Lamp outage
1.8 ×f1
Hz
VS=15V, Pin 7
50
53
57
mV
VS=9V, Pin 7
43
45
47
mV
Control Signal Threshold
VRS
VS=12V, Pin 7
47
49
51
mV
Leakage Resistance
RP
49A to GND
4
5
kΩ
Lamp Load
PL
1
W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com