Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU6043BL-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UU6043BL-S08-R
Description  FLASHER IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU6043BL-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UU6043BL-S08-R Datasheet HTML 1Page - Unisonic Technologies UU6043BL-S08-R Datasheet HTML 2Page - Unisonic Technologies UU6043BL-S08-R Datasheet HTML 3Page - Unisonic Technologies UU6043BL-S08-R Datasheet HTML 4Page - Unisonic Technologies UU6043BL-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UU6043B
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R121-024.E
FLASHER IC WITH 18mΩ
SHUNT
DESCRIPTION
The UTC UU6043B is a miconductor integrated circuit
designed for relay-controlled automotive flashers where a high
level EMC is required.
Lamp outage is indicated by frequency doubling during hazard
warning as well as direction mode.
FEATURES
* Temperature and supply voltage compensated frequency
* Warning indication of lamp failure by means of frequency
doubling
* Relay driver output with high current carrying capacity and low
saturation output
* Minimum lamp load for flasher operation: ≥ 1 W
* Very low susceptibility to EMI
DIP-8
SOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UU6043BL-D08-T
UU6043BG-D08-T
DIP-8
Tube
UU6043BL-S08-R
UU6043BG-S08-R
SOP-8
Tape Reel
MARKING
DIP-8
SOP-8


Similar Part No. - UU6043BL-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UU6043BL-S08-R UTC-UU6043BL-S08-R Datasheet
149Kb / 4P
FLASHER IC WITH 18m廓 SHUNT
More results

Similar Description - UU6043BL-S08-R

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6043B ATMEL-U6043B Datasheet
221Kb / 9P
FLASHER IC WITH 19-M SHUNT
U6043B ATMEL-U6043B_05 Datasheet
248Kb / 8P
Flasher IC with 18-mOHM Shunt
logo
Hongfa Technology
JA3501 HONGFA-JA3501 Datasheet
36Kb / 1P
FLASHER
logo
BOWIN ELECTRONIC CO.
M34-1L BOWIN-M34-1L Datasheet
21Kb / 2P
M34-1L SINGLE OUTPUT LED FLASHER IC
M34-2L BOWIN-M34-2L Datasheet
21Kb / 2P
SINGLE OUTPUT LED FLASHER IC
M34-4L BOWIN-M34-4L Datasheet
21Kb / 2P
SINGLE OUTPUT LED FLASHER IC
M34-8L BOWIN-M34-8L Datasheet
21Kb / 2P
SINGLE OUTPUT LED FLASHER IC
logo
Unisonic Technologies
UU6043B UTC-UU6043B Datasheet
149Kb / 4P
FLASHER IC WITH 18m廓 SHUNT
UU6043B UTC-UU6043B_15 Datasheet
236Kb / 5P
FLASHER IC
UU4761 UTC-UU4761_17 Datasheet
100Kb / 4P
FLASHER IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com