Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU6043BG-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UU6043BG-S08-R
Description  FLASHER IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU6043BG-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UU6043BG-S08-R Datasheet HTML 1Page - Unisonic Technologies UU6043BG-S08-R Datasheet HTML 2Page - Unisonic Technologies UU6043BG-S08-R Datasheet HTML 3Page - Unisonic Technologies UU6043BG-S08-R Datasheet HTML 4Page - Unisonic Technologies UU6043BG-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UU6043B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R121-024.E
PIN CONFIGURATION
GND
VS
SI
LD
VS
OSC
REL
OSC
1
2
3
4
8
7
6
5
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
GND
IC ground
2
VS
Supply voltage
3
REL
Relay driver
4
OSC
C1 Oscillator
5
OSC
R1 Oscillator
6
VS
Supply voltage, Sense
7
LD
Lamp outage detection
8
SI
Start input (49a)
BLOCK DIAGRAM
4
6
K1
K2
K3
3
7
2
8
5
Pulse
generator
5kΩ
IC Ground
20kΩ
20kΩ
V6-49 mV
20kΩ
5kΩ
OSC
OSC
VS
VS
LD
REL
SI
23V
1 GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com