Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU6043BG-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UU6043BG-S08-R
Description  FLASHER IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU6043BG-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UU6043BG-S08-R Datasheet HTML 1Page - Unisonic Technologies UU6043BG-S08-R Datasheet HTML 2Page - Unisonic Technologies UU6043BG-S08-R Datasheet HTML 3Page - Unisonic Technologies UU6043BG-S08-R Datasheet HTML 4Page - Unisonic Technologies UU6043BG-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UU6043B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R121-024.E
TYPICAL APPLICATION CIRCUIT
C1
K1
K2
K3
3
7
2
8
5
Pulse
generator
23V
5kΩ
20kΩ
20kΩ
V6-49 mV
20kΩ
5kΩ
R1
+VS
+49
R3 Shunt
18mΩ
470Ω
R4
4
6
GND
-31
1.5, 2.2kΩ
R2
Relay
49 a
5W 21W 21W
21W 21W 5W
Indicator lamps
IC Ground
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com