Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FASAS06SFR Datasheet(PDF) 1 Page - XP Power Limited

Part # FASAS06SFR
Description  IEC Inlet with Line Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FASAS06SFR Datasheet(HTML) 1 Page - XP Power Limited

  FASAS06SFR Datasheet HTML 1Page - XP Power Limited FASAS06SFR Datasheet HTML 2Page - XP Power Limited FASAS06SFR Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
N'
L'
L
L
N
Cx
R
Cy
Cy
PE
PE'
PE
PE'
N
FASA
EMI Filter
Characteristics
Minimum
Typical
Maximum
Units
Notes and Conditions
Input Voltage
0
115/230
264
VAC
Input Frequency
DC
400
Hz
Rated Current
1
10
A
See models and ratings table
Earth Leakage Current
0.25
0.48
mA
See models and ratings table
MTBF
1.75
MHrs
MIL-STD 217F
Flammability Rating
UL94V-2
Temperature Operating
-40
110
°C
See derating curve
Safety Approvals
EN60939-2
Passive filter units for EMI suppression
ANSI/UL1283
Electromagnetic Interference Filters
Terminals
Faston 6.3 x 0.8mm straight
Protection Class
Suitable for appliances with protection Class I
Dielectric Strength
1500
VAC
xxx Series
www.xppower.com
1
Electrical Schematic
Specifications
• IEC320-C14 Filtered Inlet
• Screw Mount & Snap-in Versions
• Compact Design
• ITE Applications
• 1, 3, 6 & 10A Rating
• 6.3 x 0.8mm Faston Terminals
• Bleed Resistor
• Shielded Metal Body
• Wide Operating Temperature Range
• 3 Year Warranty
IEC Inlet with Line Filter
The FASA combines an EMI filter with an IEC320-C14 inlet, to provide excellent attenuation in a compact module. They are available as either
snap-in (FASASxxPFR) or screw mount (FASASxxSFR) for consumer, commercial, ITE & instrumentation type applications. When fitted to mains
powered equipment, they provide excellent attenuation to conducted electro-magnetic interference from the mains supply, whilst reducing any
conducted emissions from within the equipment onto the mains supply. Suitable for class I appliances, all models feature a shielded metal body,
and are fitted with a bleed resistor to safely discharge the filter capacitors when power is disconnected. Safety approvals are EN60939-2 for
passive filters & ANSI/UL1283 for EMI filters. They feature a wide operating temperature range of -40°C to +110°C with full power operation up to
+50°C.


Similar Part No. - FASAS06SFR

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FAS SCHURTER-FAS Datasheet
367Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
FAS SCHURTER-FAS Datasheet
249Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
logo
M-System Co.,Ltd.
FAS MSYSTEM-FAS Datasheet
132Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
logo
Schurter Inc.
FAS SCHURTER-FAS Datasheet
261Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
04.01.2022
logo
M-System Co.,Ltd.
FAS-00-K MSYSTEM-FAS-00-K Datasheet
132Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FASAS06SFR

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
EC12 SCHURTER-EC12 Datasheet
615Kb / 4P
IEC Appliance Inlet C14 with Filter, Line Switch 2-pole
KFB1 SCHURTER-KFB1 Datasheet
465Kb / 3P
IEC Appliance Inlet C14 with Filter, Line Switch 1-pole
EC12 SCHURTER-EC12_17 Datasheet
506Kb / 5P
IEC Appliance Inlet C20 with Filter, Line Switch 2-pole
KFB1 SCHURTER-KFB1_17 Datasheet
402Kb / 4P
IEC Appliance Inlet C14 with Filter, Line Switch 1-pole
KFB1 SCHURTER-KFB1_18 Datasheet
411Kb / 4P
IEC Appliance Inlet C14 with Filter, Line Switch 1-pole
logo
XP Power Limited
FCSS XPPOWER-FCSS Datasheet
474Kb / 3P
IEC Power Entry Inlet with Line Filter
FDMM XPPOWER-FDMM Datasheet
471Kb / 3P
IEC Power Inlet with Line Filter
FFSA XPPOWER-FFSA Datasheet
494Kb / 3P
IEC Power Entry Inlet with Line Filter
FGSM XPPOWER-FGSM Datasheet
532Kb / 3P
IEC Power Entry Inlet with Line Filter
logo
Schurter Inc.
EC12 SCHURTER-EC12_V01 Datasheet
526Kb / 5P
IEC Appliance Inlet C20 with Filter, Line Switch 2-pole
12.04.2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com