Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FASAS06SFR Datasheet(PDF) 2 Page - XP Power Limited

Part # FASAS06SFR
Description  IEC Inlet with Line Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FASAS06SFR Datasheet(HTML) 2 Page - XP Power Limited

  FASAS06SFR Datasheet HTML 1Page - XP Power Limited FASAS06SFR Datasheet HTML 2Page - XP Power Limited FASAS06SFR Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.xppower.com
2
EMI Filter
FASA
Models & Ratings
Rated
Current at
50 °C
Leakage Current
Inductance
at 10 kHz,
0.25 V
L
Capacitance
Resistance
Weight
Application Mounting
Filter
115 VAC/
60 Hz
250 VAC/
50 Hz
Cx
Cy
1 A
0.25 mA
0.45 mA
2 x 6.5 mH
0.1 µF
2.2 nF
1 M
Ω 38g
ITE
Screw
FASAS01SFR
3 A
0.25 mA
0.45 mA
2 x 2.5 mH
0.1 µF
2.2 nF
1 M
Ω 37g
ITE
Screw
FASAS03SFR
6 A
0.25 mA
0.45 mA
2 x 0.8 mH
0.1 µF
2.2 nF
1 M
Ω 39g
ITE
Screw
FASAS06SFR
10 A
0.25 mA
0.45 mA
2 x 0.2 mH
0.1 µF
2.2 nF
1 M
Ω 39g
ITE
Screw
FASAS10SFR
1 A
0.25 mA
0.45 mA
2 x 6.5 mH
0.1 µF
2.2 nF
1 M
Ω 39g
ITE
Snap-In
FASAS01PFR
3 A
0.25 mA
0.45 mA
2 x 2.5 mH
0.1 µF
2.2 nF
1 M
Ω 39g
ITE
Snap-In
FASAS03PFR
6 A
0.25 mA
0.45 mA
2 x 0.8 mH
0.1 µF
2.2 nF
1 M
Ω 41g
ITE
Snap-In
FASAS06PFR
10 A
0.25 mA
0.45 mA
2 x 0.2 mH
0.1 µF
2.2 nF
1 M
Ω 41g
ITE
Snap-In
FASAS10PFR
80
0
-20
-40
020
40
60
80
100
120
20
40
60
100
Ambient Temperature (°C)
Thermal Derating
N
L
PE
L' PE' N'
L' PE' N'
L
1.19 (30.3)
1.57 (40.0)
0.88 (22.5)
0.05 (1.5)
0.19 (5.0)
0.81
(20.6)
2 x ø0.13
(ø3.5)
0.81
(20.6)
1.11
(28.3)
Bottom
View
Bottom
View
1.11
(28.3)
0.94
(24.0)
1.22
(31.0)
1.77
(45.2)
0.85
(21.6)
1.13
(28.8)
1.12 (28.6)
Panel Thickness 0.8mm-1.6mm
1.57 (40.0)
4 x R3 max
4 x R2 max
2.28 max
(58.0 max)
2.28 max
(58.0 max)
1.8
(45.5)
0.84
(21.5)
0.16 (4.1)
Suggested Panel Cutout
(mounting from front)
Suggested Panel Cutout
(mounting from front)
2 x ø3.3
1.98 (50.4)
PE
N
Screw Mount
Snap-In Mount
Mechanical Details
All dimensions in inches (mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com