Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF Datasheet(PDF) 1 Page - Nichicon corporation

Part # PCF
Description  Chip Type, Standard
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCF Datasheet(HTML) 1 Page - Nichicon corporation

  PCF Datasheet HTML 1Page - Nichicon corporation PCF Datasheet HTML 2Page - Nichicon corporation PCF Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
38
CAT.8100H
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCF ChipType,Standard
Specifications
Temperature Characteristics
(Max.Impedance Ratio)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Tangent of loss angle (tan δ)
ESR ( 1)
Leakage Current ( 2)
Performance Characteristics
Item
–55 to +105°C
2.5 to 25V
3.3 to 1500µF
± 20% at 120Hz, 20°C
Less than or equal to the specified value at 120Hz, 20°C
Less than or equal to the specified value at 100kHz, 20°C
Less than or equal to the specified value. After 2 minutes' application of rated voltage at 20°C
Z+105°C / Z+20°C
1.25
(100kHz)
Z
–55°C / Z+20°C
1.25
Endurance
Damp Heat
(Steady State)
Resistance to
Soldering Heat
Marking
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 2000 hours at 105°C
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 1000 hours at 60°C, 90% RH.
After soldering the capacitor under the soldering conditions
prescribed here, the capacitor shall meet the specifications listed
at right.
Pre-heating shall be done at 150 to 200°C and for 60 to 180 sec.
The duration for over +230°C temperature at capacitor surface
shall not exceed 60 seconds.
In case peak temperature is 250°C or less, reflow soldering shall
be two times maximum.
In case peak temperature is 260°C or less, reflow soldering shall
be once.
Measurement for solder temperature profile shall be made at the
capacitor top and the terminal.
Navy blue print on the case top
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 20% of the initial capacitance value ( 3)
150% or less than the initial specified value
150% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 20% of the initial capacitance value ( 3)
150% or less than the initial specified value
150% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 10% of the initial capacitance value ( 3)
130% or less than the initial specified value
130% or less than the initial specified value
Less than or equal to the initial specified value
Low ESR, High ripple current.
Load life of 2000 hours at 105°C.
SMD type : Lead free reflow soldering condition at 260°C
peak correspondence.
Compliant to the RoHS directive (2011/65/EU).
AEC-Q200 compliant. Please contact us for details.
1 ESR should be measured at both of the terminal ends closest where the terminals protrude through the plastic platform.
2 Conditioning : If any doubt arises, measure the leakage current after the voltage treatment of applying DC rated voltage continuously to the capacitor for 120
minutes at 105°C.
3 Initial value : The value before test of examination of resistance to soldering.
φD
4 to 6.3
(5.5L)
5 to 10
(L 6)
Code
GB
GS
P
1
C
2
F
3
0
4
J
5
1
6
5
7
1
8
M
9
C
10
L
11
1
12
G
13
S
14
Configuration
Taping code
Size code
Capacitance tolerance (±20%)
Rated capacitance (150µF)
Rated voltage (6.3V)
Series name
Type
H
0.3 MAX.
C±0.2
L
Series
Voltage ( j:6.3v)
Plastic platform
Lot No.
Capacitance
Negative
Positive
+0.1
-0.4
Dimensions
Type numbering system (Example : 6.3V 150µF)
Voltage
V
2.5
4
6.3
10
16
20
25
Code
e
g
j
A
C
D
E
Size
φD
L
A
B
C
E
H
φ4
× 5.5
4.0
5.4
5.0
4.3
4.3
1.0
0.5 to 0.8
φ5
× 6L
5.0
5.9
6.0
5.3
5.3
1.6
0.5 to 0.8
φ6.3
× 5.5L
6.3
5.4
7.3
6.6
6.6
2.1
0.5 to 0.8
φ6.3
× 6L
6.3
5.9
7.3
6.6
6.6
2.1
0.5 to 0.8
φ8
× 7L
8.0
6.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ8
× 12L
8.0
11.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ10
× 8L
10.0
7.9
11.0
10.3
10.3
4.6
0.8 to 1.1
φ10
× 10L
10.0
9.9
11.0
10.3
10.3
4.6
0.8 to 1.1
φ10
× 12.7L
10.0
12.6
11.0
10.3
10.3
4.6
0.8 to 1.1
(mm)
Dimension table in next page.
PCF LowESR
Higher Capacitance
PCJ
Long Life
PCS
Higher
Capacitance,
PCG
Frequency coefficient of rated ripple current
0 Frequency0/
Coefficient
120Hz 1kHz 10kHz 100kHz or more
0.05
0.30
0.70
1.00
φ4×5.5L which are scheduled to be discontinued.
Not recommended for new designs.


Similar Part No. - PCF

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PCF WELWYN-PCF Datasheet
1Mb / 4P
PRECISION SURFACE MOUNT RESISTORS
logo
TT Electronics.
PCF TTELEC-PCF Datasheet
813Kb / 6P
precision thin film technology
logo
TE Connectivity Ltd
PCF TEC-PCF Datasheet
7Mb / 38P
RELAYS, CONTACTORS & CIRCUIT BREAKERS
02/20 JN
logo
Mersen
PCF MERSEN-PCF Datasheet
253Kb / 2P
Fast-Acting PC Mount Fuses
logo
TT Electronics.
PCF TTELEC-PCF Datasheet
872Kb / 6P
Precision Thin Film Nichrome Chip Resistors
12.16
More results

Similar Description - PCF

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-010 ROHM-SML-010 Datasheet
363Kb / 3P
Standard Type Chip LEDs with reflector
SML-210 ROHM-SML-210 Datasheet
653Kb / 3P
Standard Type Mini-molded chip LEDs
SML-810 ROHM-SML-810 Datasheet
163Kb / 3P
Standard Type Back-fire chip LEDs
SML-410 ROHM-SML-410 Datasheet
143Kb / 3P
Standard Type Mini-molded chip LEDs
SML-A10 ROHM-SML-A10 Datasheet
314Kb / 3P
Standard Type Side view chip LEDs
logo
DB Lectro Inc
CS1A100KC DBLECTRO-CS1A100KC Datasheet
534Kb / 13P
CHIP TYPE, STANDARD
logo
Rohm
SML-310LTT86 ROHM-SML-310LTT86 Datasheet
424Kb / 3P
Standard Type Mini-molded chip LEDs
SML-310VTT86 ROHM-SML-310VTT86 Datasheet
424Kb / 3P
Standard Type Mini-molded chip LEDs
SML-310DTT86 ROHM-SML-310DTT86 Datasheet
424Kb / 3P
Standard Type Mini-molded chip LEDs
SML-010YTT86 ROHM-SML-010YTT86 Datasheet
367Kb / 4P
Standard Type Chip LEDs with reflector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com