Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF Datasheet(PDF) 2 Page - Nichicon corporation

Part # PCF
Description  Chip Type, Standard
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCF Datasheet(HTML) 2 Page - Nichicon corporation

  PCF Datasheet HTML 1Page - Nichicon corporation PCF Datasheet HTML 2Page - Nichicon corporation PCF Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
39
CAT.8100H
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCF
Dimensions
Rated Capacitance
(µF)
Rated Voltage
(V)(code)
Surge Voltage
(V)
Leakage Current
(µA)
ESR (m )
(at 100kHz 20°
C)
Rated Ripple
(mArms)
tan δ
Part Number
Case Size
φD × L (mm)
2.5
(0E)
10
(1A)
6.3
(0J)
4
(0G)
2.8
11.5
7.2
4.6
100
220
220
470
820
1500
1500
33
100
100
150
150
150
220
330
470
560
680
820
1200
22
47
82
82
100
100
100
120
150
220
330
470
470
470
680
680
820
4.7
6.8
10
15
33
47
47
56
56
120
150
150
270
270
330
330
470
470
560
560
100
110
110
235
410
750
750
100
100
80
120
300
120
176
264
376
448
544
656
960
100
148
103
103
126
315
126
151
189
277
416
592
592
592
857
857
1033
100
100
100
100
165
235
94
112
112
240
300
300
540
540
660
660
940
940
1120
1120
22
20
20
20
17
13
12
200
22
22
22
30
22
21
21
17
13
17
13
10
200
35
23
23
23
25
23
23
22
22
18
12
18
16
14
10
10
240
240
220
200
35
26
26
25
25
23
23
21
13
20
14
20
16
12
15
13
2600
2800
2800
3300
4400
4700
5440
700
2600
2600
2800
2000
2800
3200
3400
4200
4520
4400
4800
5500
700
1600
2600
2600
2800
2200
2800
3000
3200
3400
4200
5300
4300
4600
5000
5500
5800
670
670
700
700
1500
2600
2600
2500
2500
3000
3200
3300
4500
3600
4000
3700
4600
5300
4800
5230
PCF0E101MCL1GS
PCF0E221MCL4GB
PCF0E221MCL1GS
PCF0E471MCL1GS
PCF0E821MCL1GS
PCF0E152MCL1GS
PCF0E152MCL9GS
PCF0G330MCL1GB
PCF0G101MCL4GB
PCF0G101MCL1GS
PCF0G151MCL4GB
PCF0G151MCL6GS
PCF0G151MCL1GS
PCF0G221MCL1GS
PCF0G331MCL1GS
PCF0G471MCL1GS
PCF0G561MCL4GS
PCF0G681MCL1GS
PCF0G821MCL1GS
PCF0G122MCL1GS
PCF0J220MCL1GB
PCF0J470MCL1GS
PCF0J820MCL4GB
PCF0J820MCL1GS
PCF0J101MCL4GB
PCF0J101MCL6GS
PCF0J101MCL1GS
PCF0J121MCL1GS
PCF0J151MCL1GS
PCF0J221MCL1GS
PCF0J331MCL1GS
PCF0J471MCL4GS
PCF0J471MCL6GS
PCF0J471MCL1GS
PCF0J681MCL1GS
PCF0J681MCL9GS
PCF0J821MCL1GS
PCF1A4R7MCL1GB
PCF1A6R8MCL1GB
PCF1A100MCL1GB
PCF1A150MCL1GB
PCF1A330MCL1GS
PCF1A470MCL6GS
PCF1A470MCL1GS
PCF1A560MCL4GB
PCF1A560MCL1GS
PCF1A121MCL1GS
PCF1A151MCL6GS
PCF1A151MCL1GS
PCF1A271MCL4GS
PCF1A271MCL1GS
PCF1A331MCL4GS
PCF1A331MCL1GS
PCF1A471MCL1GS
PCF1A471MCL9GS
PCF1A561MCL1GS
PCF1A561MCL9GS
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
6.3 × 6
6.3 × 5.5
6.3 × 6
8 × 7
10 × 8
10 × 10
10 × 12.7
4 × 5.5
6.3 × 5.5
6.3 × 6
6.3 × 5.5
5 × 6
6.3 × 6
8 × 7
8 × 7
10 × 8
8 × 12
10 × 8
10 × 10
10 × 12.7
4 × 5.5
5 × 6
6.3 × 5.5
6.3 × 6
6.3 × 5.5
5 × 6
6.3 × 6
6.3 × 6
8 × 7
8 × 7
10 × 8
8 × 12
10 × 8
10 × 10
10 × 10
10 × 12.7
10 × 12.7
4 × 5.5
4 × 5.5
4 × 5.5
4 × 5.5
5 × 6
5 × 6
6.3 × 6
6.3 × 5.5
6.3 × 6
8 × 7
8 × 7
10 × 8
8 × 12
10 × 8
8 × 12
10 × 8
10 × 10
10 × 12.7
10 × 10
10 × 12.7



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com