Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3828 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3828
Description  Dual 2-Phase Step-Down Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3828 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3828 Datasheet HTML 9Page - Linear Technology LTC3828 Datasheet HTML 10Page - Linear Technology LTC3828 Datasheet HTML 11Page - Linear Technology LTC3828 Datasheet HTML 12Page - Linear Technology LTC3828 Datasheet HTML 13Page - Linear Technology LTC3828 Datasheet HTML 14Page - Linear Technology LTC3828 Datasheet HTML 15Page - Linear Technology LTC3828 Datasheet HTML 16Page - Linear Technology LTC3828 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC3828
3828f
13
(Refer to Functional Diagram)
OPERATIO
TIME
(4a) Coincident Tracking
VOUT1
VOUT2
TIME
3828 F04
(4b) Ratiometric Tracking
VOUT1
VOUT2
Figure 4. Two Different Modes of Output Voltage Tracking
APPLICATIO S I FOR ATIO
INPUT VOLTAGE (V)
0
3.0
2.5
2.0
1.5
1.0
0.5
0
10
20
30
40
3828 F03
SINGLE PHASE
DUAL CONTROLLER
2-PHASE
DUAL CONTROLLER
VO1 = 5V/3A
VO2 = 3.3V/3A
Figure 3. RMS Input Current Comparison
Output Voltage Tracking
The LTC3828 allows the user to program how the channel
outputs ramp up and down by means of the TRCKSS pins.
Through these pins, the channel outputs can be set up to
either coincidentally or ratiometrically tracking, as shown
in Figure 4.
The TRCKSS pins act as clamps on the channels’ refer-
ence voltages. VOUT is referenced to the TRCKSS voltage
when the TRCKSS < 0.8V and to the internal precision
reference when TRCKSS > 0.8V.
To implement the tracking in Figure 4a, connect an extra
resistive divider to the output of the master channel and
connect its midpoint to the slave channel’s TRCKSS pin.
The ratio of this divider should be selected the same as that
of channel 2’s feedback divider (Figure 5). In this tracking
mode, the master channel’s output must be set higher
than slave channel’s output. To implement the ratiomet-
ric tracking in Figure 4b, no extra divider is needed; simply
connect one of TRCKSS pins to the other channel’s VFB pin
(Figure 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com