Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3828 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3828
Description  Dual 2-Phase Step-Down Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3828 Datasheet(HTML) 2 Page - Linear Technology

  LTC3828 Datasheet HTML 1Page - Linear Technology LTC3828 Datasheet HTML 2Page - Linear Technology LTC3828 Datasheet HTML 3Page - Linear Technology LTC3828 Datasheet HTML 4Page - Linear Technology LTC3828 Datasheet HTML 5Page - Linear Technology LTC3828 Datasheet HTML 6Page - Linear Technology LTC3828 Datasheet HTML 7Page - Linear Technology LTC3828 Datasheet HTML 8Page - Linear Technology LTC3828 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
LTC3828
3828f
Input Supply Voltage (VIN)........................ 30V to –0.3V
Top Side Driver Voltages
(BOOST1, BOOST2) .................................. 36V to – 0.3V
Switch Voltage (SW1, SW2) ........................ 30V to – 5V
INTVCC, DRVCC, RUN1, RUN2, (BOOST1-SW1),
(BOOST2-SW2) .......................................... 7V to – 0.3V
SENSE1+, SENSE2 +, SENSE1–,
SENSE2 – Voltages ....................... (1.1)INTVCC to –0.3V
FCB/PLLIN, PLLFLTR, CLKOUT,
PHSMD Voltage .............................. INTVCC to –0.3V
TRCKSS1, TRCKSS2 ........................... INTVCC to –0.3V
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
PGOOD ..................................................... 5.5V to –0.3V
ITH1, ITH2, VOSENSE1, VOSENSE2 Voltages ...2.7V to –0.3V
Peak Output Current <10
µs (TG1, TG2, BG1, BG2) .. 3A
INTVCC Peak Output Current ................................ 50mA
Operating Temperature Range (Note 7)
LTC3828E .......................................... – 40
°C to 85°C
Junction Temperature (Note 2) ............................ 125
°C
Storage Temperature Range ................ – 65
°C to 125°C
Reflow Peak Body Temperature (UH Package) .... 260
°C
Lead Temperature (Soldering, 10 sec)
(GN Package) ................................................... 300
°C
ORDER PART
NUMBER
LTC3828EUH
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD IS SGND (PIN 33),
MUST BE SOLDERED TO PCB
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN1, 2 = 5V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loops
VOSENSE1, 2
Regulated Feedback Voltage
(Note 3); ITH1, 2 Voltage = 1.2V
●
0.792
0.800
0.808
V
IVOSENSE1, 2
Feedback Current
(Note 3)
±5
±50
nA
VREFLNREG
Reference Voltage Line Regulation VIN = 4.6V to 28V (Note 3)
0.002
0.02
%/V
VLOADREG
Output Voltage Load Regulation
(Note 3)
Measured in Servo Loop;
∆ITH Voltage = 1.2V to 0.7V
●
0.1
0.5
%
Measured in Servo Loop;
∆ITH Voltage = 1.2V to 2.0V
●
– 0.1
– 0.5
%
gm1, 2
Transconductance Amplifier gm
ITH1, 2 = 1.2V; Sink/Source 5uA; (Note 3)
1.3
mmho
Consult LTC Marketing for parts specified with wider operating temperature ranges.
UH PART
MARKING
3828
ORDER PART
NUMBER
LTC3828EG
TJMAX = 125°C, θJA = 95°C/W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CLKOUT
PGOOD
BOOST1
TG1
SW1
VIN
INTVCC
PGND
BG1
BG2
SW2
TG2
BOOST2
RUN2
TRCKSS1
ITH1
SENSE1+
SENSE1–
VOSENSE1
PLLFLTR
RUN1
FCB/PLLIN
SGND
TRCKSS2
SENSE2–
SENSE2+
ITH2
VOSENSE2
32 31 30 29 28 27 26 25
9
10 11 12 13
TOP VIEW
33
14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
VOSENSE1
PLLFLTR
RUN1
PHSMD
FCB/PLLIN
SGND
TRCKSS2
NC
SW1
VIN
INTVCC
DRVCC
PGND
BG1
BG2
SW2
UH PACKAGE
32-LEAD (5mm
× 5mm) PLASTIC QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com