Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS432CASM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AS432CASM
Description  1.24V Precision Adjustable Shunt Reference
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS432CASM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AS432CASM Datasheet HTML 1Page - List of Unclassifed Manufacturers AS432CASM Datasheet HTML 2Page - List of Unclassifed Manufacturers AS432CASM Datasheet HTML 3Page - List of Unclassifed Manufacturers AS432CASM Datasheet HTML 4Page - List of Unclassifed Manufacturers AS432CASM Datasheet HTML 5Page - List of Unclassifed Manufacturers AS432CASM Datasheet HTML 6Page - List of Unclassifed Manufacturers AS432CASM Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
25
www.ptcc.com.tw
AS432
1.24V Precision Adjustable Shunt Reference
SEMICONDUCTOR
Features
• Temperature-compensated: 50 ppm/°C
• 0.25% to 2.0% bandgap offered
• Internal amplifier with 150 mA capability
• Multiple temperature ranges
• Low frequency dynamic output
impedance: < 150 m
Ω
• Low output noise
Description
The AS432 is a three terminal adjustable shunt regulator utilizing an
accurate 1.24V bandgap reference. The AS432 is functionally similar to
an AS431 except for its lower reference voltage, making it usable in a
wide variety of low voltage applications.
Because of its robust bipolar technology, the AS432 handles a wide
range of current, and holds off more than 18V so its use is not limited to
low power, low voltage systems. Significant care has been taken to pro-
vide adequate AC bandwidth to allow the AS432 as an amplifier in con-
trol systems and power electronics.
Pin Configuration — Top view
Ordering Information
CATHODE
TO-92 (LP)
8L SOIC (8D)
ANODE
REFERENCE
REFERENCE
ANODE
ANODE
N/C
CATHODE
ANODE
ANODE
N/C
SOT-89 (S)
CATHODE
ANODE
REFERENCE
1
2
3
4
8
7
6
5
5L SOT-23 (5VS)
ANODE
REFERENCE
N/C
N/C
CATHODE
3L SOT-23 (3VS)
CATHODE
REFERENCE
ANODE
Circuit Type:
1.24V Precision Adjustable
Shunt Regulator
Bandgap Tolerance:
A =
±0.25%
C =
±0.5%
D =
±1.0%
E =
±2.0%
Temperature Range:
A = 0
°C to 70°C
B = 0
°C to 105°C
C = –40
°C to 85°C
F = –55
°C to 125°C
Packaging Option:
A
B
T
M
N
Package Style:
8D
5VS
3VS
S
LP
= Ammo Pack
= Bulk
= Tube
= Tape and Reel (7" Reel Dia, SOT-23 Only)
= Tape and Reel (13" Reel Dia)
= 8 Pin, Plastic SOIC
= 5 Pin, SOT-23
= 3 Pin, SOT-23
= SOT-89
= TO-92
AS432 A C 8D N


Similar Part No. - AS432CASM

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS431 ALPHA-AS431 Datasheet
359Kb / 7P
Precision Adjustable Shunt Regulator
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Diodes Incorporated
AS431 DIODES-AS431 Datasheet
416Kb / 19P
ADJUSTABLE PRECISION SHUNT REGULATORS
Rev 3
AS431 DIODES-AS431 Datasheet
558Kb / 20P
ADJUSTABLE PRECISION SHUNT REGULATORS
Rev 4
logo
BCD Semiconductor Manuf...
AS431AK BCDSEMI-AS431AK Datasheet
159Kb / 17P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - AS432CASM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS432 STMICROELECTRONICS-TS432 Datasheet
153Kb / 7P
1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
Dec-2002
logo
Unisonic Technologies
TL432C UTC-TL432C Datasheet
103Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
Gamma Microelectronics ...
GM432 GAMMA-GM432 Datasheet
229Kb / 13P
1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Sipex Corporation
SPX432 SIPEX-SPX432_04 Datasheet
144Kb / 11P
1.24V Precision Adjustable Shunt Regulator
SPX4041 SIPEX-SPX4041_04 Datasheet
115Kb / 9P
Precision 1.24V Shunt Voltage Reference
logo
Unisonic Technologies
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
Gamma Microelectronics ...
GM432 GAMMA-GM432_12 Datasheet
756Kb / 11P
1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Sipex Corporation
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
1.24V Precision Adjustable Shunt Regulator
logo
Unisonic Technologies
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com